Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNBP8L Datasheet(PDF) 8 Page - STMicroelectronics

Part # LNBP8L
Description  500 mA guaranteed output current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP8L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LNBP8L Datasheet HTML 4Page - STMicroelectronics LNBP8L Datasheet HTML 5Page - STMicroelectronics LNBP8L Datasheet HTML 6Page - STMicroelectronics LNBP8L Datasheet HTML 7Page - STMicroelectronics LNBP8L Datasheet HTML 8Page - STMicroelectronics LNBP8L Datasheet HTML 9Page - STMicroelectronics LNBP8L Datasheet HTML 10Page - STMicroelectronics LNBP8L Datasheet HTML 11Page - STMicroelectronics LNBP8L Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Typical application circuits
LNBP8L - LNBP9L - LNBP10L - LNBP11L
8/21
5
Typical application circuits
Note:
In a single supply configuration with the DFN package, an R1 resistor in the 12-15 Ω range
is recommended to reduce device power dissipation during the 13 V output condition. The
resistor can be omitted, but the power dissipation will increase.
Figure 3.
Single input supply voltage solution for IPPAK package versions
VCC
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1
1N4001
MCU I/Os
23V
LNBP8/9L
C2
220nF
C1
10
µF
LNB OUTPUT
C3
100nF
D2
1N5818
VCC
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1
1N4001
MCU I/Os
23V
LNBP8/9L
C2
220nF
C1
10
µF
LNB OUTPUT
C3
100nF
D2
1N5818
VCC
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1
1N4001
MCU I/Os
23V
LNBP8/9L
C2
220nF
C1
10
µF
LNB OUTPUT
C3
100nF
D2
1N5818
VCC
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1
1N4001
MCU I/Os
23V
LNBP8/9L
C2
220nF
C1
10
µF
LNB OUTPUT
C3
100nF
D2
1N5818
Figure 4.
Dual input supply voltage solution for DFN8 (5 x 6 mm) package versions
VCC1
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1 1N4001
MCU I/Os
16V
LNBP10/11L
C2
220nF
C1
10
µF
C3
100nF
D2
1N5818
LNB OUTPUT
LLC
VCC2
D3 1N4001
23V
C5
220nF
C4
10
µF
CEXT
C6
4.7
µF
VCC1
EN/VSEL (Tristate
OUTPUT
GND
EXTM or TEN
D1 1N4001
MCU I/Os
16V
LNBP10/11L
C2
220nF
C1
10
µF
C3
100nF
D2
1N5818
LNB OUTPUT
LLC
VCC2
D3 1N4001
23V
C5
220nF
C4
10
µF
CEXT
C6
4.7
µF
VCC1
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1 1N4001
MCU I/Os
16V
LNBP10/11L
C2
220nF
C1
10
µF
C3
100nF
D2
1N5818
LNB OUTPUT
LLC
VCC2
D3 1N4001
23V
C5
220nF
C4
10
µF
CEXT
C6
4.7
µF
VCC1
EN/VSEL (Tristate
OUTPUT
GND
EXTM or TEN
D1 1N4001
MCU I/Os
16V
LNBP10/11L
C2
220nF
C1
10
µF
C3
100nF
D2
1N5818
LNB OUTPUT
LLC
VCC2
D3 1N4001
23V
C5
220nF
C4
10
µF
CEXT
C6
4.7
µF
Figure 5.
Single input supply voltage solution for DFN8 (5 x 6 mm) package versions
VCC1
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1
1N4001
MCU I/Os
LNBP10/11L
C2
220nF
C1
10
µF
C3
100nF
D2
1N5818
LNB OUTPUT
LLC
VCC2
23V
C4
220nF
CEXT
C5
4.7
µF
R1
15 Ohm >3W
VCC1
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1
1N4001
MCU I/Os
LNBP10/11L
C2
220nF
C1
10
µF
C3
100nF
D2
1N5818
LNB OUTPUT
LLC
VCC2
23V
C4
220nF
CEXT
C5
4.7
µF
R1
15 Ohm >3W
VCC1
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1
1N4001
MCU I/Os
LNBP10/11L
C2
220nF
C1
10
µF
C3
100nF
D2
1N5818
LNB OUTPUT
LLC
VCC2
23V
C4
220nF
CEXT
C5
4.7
µF
R1
15 Ohm >3W
VCC1
EN/VSEL (Tristate )
OUTPUT
GND
EXTM or TEN
D1
1N4001
MCU I/Os
LNBP10/11L
C2
220nF
C1
10
µF
C3
100nF
D2
1N5818
LNB OUTPUT
LLC
VCC2
23V
C4
220nF
CEXT
C5
4.7
µF
R1
15 Ohm >3W


Similar Part No. - LNBP8L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
191Kb / 13P
   LNB Supply and control voltage regulator
LNBP8K7 STMICROELECTRONICS-LNBP8K7 Datasheet
191Kb / 13P
   LNB Supply and control voltage regulator
LNBP8K7-R STMICROELECTRONICS-LNBP8K7-R Datasheet
191Kb / 13P
   LNB Supply and control voltage regulator
LNBP8V7V STMICROELECTRONICS-LNBP8V7V Datasheet
129Kb / 8P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
More results

Similar Description - LNBP8L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
logo
Texas Instruments
LP2989IM-3.3 TI-LP2989IM-3.3 Datasheet
1Mb / 19P
[Old version datasheet]   Ultra low dropout voltage, Guaranteed 500 mA continuous output current
logo
Advanced Power Electron...
APE8845 A-POWER-APE8845 Datasheet
239Kb / 7P
   Guaranteed 600mA Output Current
logo
Exar Corporation
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
   3A Guaranteed Output Current
logo
Advanced Power Electron...
APE8862 A-POWER-APE8862_14 Datasheet
516Kb / 9P
   Guaranteed 600mA Output Current
logo
Unisonic Technologies
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
   Guaranteed Output Current of 2A
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
   Guaranteed 30mA Output
1992
logo
IK Semicon Co., Ltd
ILX232 IKSEMICON-ILX232 Datasheet
384Kb / 7P
   Output current 24 mA
logo
Texas Instruments
THS3491 TI-THS3491_V01 Datasheet
3Mb / 53P
[Old version datasheet]   THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com