Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNBH26L Datasheet(PDF) 6 Page - STMicroelectronics

Part # LNBH26L
Description  Selectable output current limit by external resistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LNBH26L Datasheet HTML 2Page - STMicroelectronics LNBH26L Datasheet HTML 3Page - STMicroelectronics LNBH26L Datasheet HTML 4Page - STMicroelectronics LNBH26L Datasheet HTML 5Page - STMicroelectronics LNBH26L Datasheet HTML 6Page - STMicroelectronics LNBH26L Datasheet HTML 7Page - STMicroelectronics LNBH26L Datasheet HTML 8Page - STMicroelectronics LNBH26L Datasheet HTML 9Page - STMicroelectronics LNBH26L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Application information (valid for each section A/B)
LNBH26L
6/28
Doc ID 022876 Rev 1
2.3
Data encoding by external DiSEqC envelope control through
the DSQIN pin
If an external DiSEqC envelope source is available, it is possible to use the internal 22 kHz
generator activated during the tone transmission by connecting the DiSEqC envelope
source to the DSQIN pin. In this case the I²C tone control bits must be set: EXTM=0 and
TEN=1. In this way, the internal 22 kHz signal is superimposed to the VOUT DC voltage to
generate the LNB output 22 kHz tone. During the period in which the DSQIN is kept high the
internal control circuit activates the 22 kHz tone output.
The 22 kHz tone on the VOUT pin is activated with about 6 µs delay from the DSQIN TTL
signal rising edge, and it stops with a delay time in the range from 15 µs to 60 µs after the 22
kHz TTL signal on DSQIN has expired (refer to
Figure 3).
Figure 3.
Tone enable and disable timing (using envelope signal)
2.4
Output current limit selection
The linear regulator current limit threshold can be set by an external resistor connected to
the ISEL pin. The resistor value defines the output current limit by the equation:
Equation 1
with ISET=0,
where RSEL is the resistor connected between ISEL and GND expressed in k
Ω and IMAX
(typ.) is the typical current limit threshold expressed in mA. IMAX can be set up to 750 mA for
each channel. However, it is recommended to not exceed for a long period a total amount of
current of 1 A from both sections (IOUT_A + IOUT_B < 1 A) in order to avoid the
overtemperature protection from triggering and to thoroughly validate the PCB layout
thermal management in real application environment conditions.
2.5
Output voltage selection
Each linear regulator channel output voltage level can be easily programmed in order to
accomplish application specific requirements, using 4 + 4 bits of an internal DATA1 register
(see
Section 7.3: Data registers and Table 13: Output voltage selection table (Data1
register, write mode) for exact programmable values). Register writing is accessible via the
I²C bus.
AM10427v1
~ 6 µs
15 µs ~ 60 µs
DSQIN
Tone
Output
206
.
1
MAX
RSEL
16578
.)
typ
(
I
=


Similar Part No. - LNBH26L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH26LS STMICROELECTRONICS-LNBH26LS Datasheet
1Mb / 33P
   Dual LNBS supply and control IC with step-up and IC interface
December 2013 Rev 1
LNBH26LSPQR STMICROELECTRONICS-LNBH26LSPQR Datasheet
1Mb / 33P
   Dual LNBS supply and control IC with step-up and IC interface
December 2013 Rev 1
More results

Similar Description - LNBH26L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH23L STMICROELECTRONICS-LNBH23L Datasheet
504Kb / 25P
   Selectable output current limit by external resistor
November 2010 Rev 4
LNBH25 STMICROELECTRONICS-LNBH25 Datasheet
1Mb / 34P
   Selectable output current limit by external resistor
February 2012 Rev 4
LNBH30 STMICROELECTRONICS-LNBH30 Datasheet
830Kb / 27P
   Selectable output current limit by external resistor
March 2015 Rev 2
logo
Maxim Integrated Produc...
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
logo
Texas Instruments
PT5071-12V TI1-PT5071-12V Datasheet
150Kb / 4P
[Old version datasheet]   Output Current Limit
logo
Silicon Touch Technolog...
LS521 SITI-LS521 Datasheet
711Kb / 12P
   Tunable illumination sensitivity by an external resistor
logo
International Rectifier
IR1153S IRF-IR1153S_15 Datasheet
386Kb / 20P
   Cycle by cycle peak current limit
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704_15 Datasheet
1Mb / 15P
   Adjustable Current with an External Resistor
logo
Fairchild Semiconductor
FPF2300 FAIRCHILD-FPF2300 Datasheet
1Mb / 19P
   Dual-Output Current Limit Switch
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com