Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCXH16373 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VCXH16373
Description  SYMMETRICAL OUTPUT IMPEDANCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXH16373 Datasheet(HTML) 2 Page - STMicroelectronics

  74VCXH16373 Datasheet HTML 1Page - STMicroelectronics 74VCXH16373 Datasheet HTML 2Page - STMicroelectronics 74VCXH16373 Datasheet HTML 3Page - STMicroelectronics 74VCXH16373 Datasheet HTML 4Page - STMicroelectronics 74VCXH16373 Datasheet HTML 5Page - STMicroelectronics 74VCXH16373 Datasheet HTML 6Page - STMicroelectronics 74VCXH16373 Datasheet HTML 7Page - STMicroelectronics 74VCXH16373 Datasheet HTML 8Page - STMicroelectronics 74VCXH16373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74VCXH16373
2/12
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don‘t Care
Z : High Impedance
* : Q outputs are latched at the time when the LE input is taken low
logic level.
IEC LOGIC SYMBOLS
PIN No
SYMBOL
NAME AND FUNCTION
1
1OE
3 State Output Enable
Input (Active LOW)
2, 3, 5, 6, 8, 9,
11, 12
1Q0 to 1Q7 3-State Outputs
13, 14, 16, 17,
19, 20, 22, 23
2Q0 to 2Q7 3-State Outputs
24
2OE
3 State Output Enable
Input (Active LOW)
25
2LE
Latch Enable Input
36, 35, 33, 32,
30, 29, 27, 26
2D0 to 2D7 Data Inputs
47, 46, 44, 43,
41, 40, 38, 37
1D0 to 1D7 Data Inputs
48
1LE
Latch Enable Input
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive Supply Voltage
INPUTS
OUTPUT
OE
LE
D
Q
HX
X
Z
L
L
X
NO CHANGE *
LH
L
L
LH
H
H


Similar Part No. - 74VCXH16373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
logo
ON Semiconductor
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373DT ONSEMI-74VCXH16373DT Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373DTR ONSEMI-74VCXH16373DTR Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373DTRG ONSEMI-74VCXH16373DTRG Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results

Similar Description - 74VCXH16373

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G79G-AE5-R UTC-U74AHC1G79G-AE5-R Datasheet
196Kb / 5P
   Symmetrical output impedance
logo
NXP Semiconductors
HEF4013BT-Q100J PHILIPS-HEF4013BT-Q100J Datasheet
129Kb / 16P
   Standardized symmetrical output characteristics
Rev. 2-20 February 2013
logo
STMicroelectronics
HCF4069U STMICROELECTRONICS-HCF4069U Datasheet
307Kb / 11P
   Standardized symmetrical output characteristics
January 2014 Rev 6
logo
RFHIC
RRP5257550-35 RFHIC-RRP5257550-35 Datasheet
646Kb / 4P
   50 Ohm Input/Output impedance
RRP3135900-12 RFHIC-RRP3135900-12 Datasheet
427Kb / 3P
   50 Ohm Input/Output impedance
RRP9095150-18 RFHIC-RRP9095150-18 Datasheet
555Kb / 4P
   50 Ohm Input/Output impedance
RRP31352K6-20 RFHIC-RRP31352K6-20 Datasheet
449Kb / 3P
   50 Ohm Input/Output impedance
RRP52571K0-41 RFHIC-RRP52571K0-41 Datasheet
870Kb / 4P
   50 Ohm Input/Output impedance
RRP5657550-35 RFHIC-RRP5657550-35 Datasheet
751Kb / 4P
   50 Ohm Input/Output impedance
RRP27312K6-20 RFHIC-RRP27312K6-20 Datasheet
523Kb / 3P
   50 Ohm Input/Output impedance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com