Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUR6060PT Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # HUR6060PT
Description  Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

HUR6060PT Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  HUR6060PT_16 Datasheet HTML 1Page - Sirectifier Semiconductors HUR6060PT_16 Datasheet HTML 2Page - Sirectifier Semiconductors HUR6060PT_16 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HUR6060PT
Symbol
Test Conditions
Maximum Ratings
Unit
IFRMS
IFAVM
TC=135oC; rectangular, d=0.5
70
2 x 30
A
TVJ
TVJM
Tstg
-55...+175
175
-55...+150
oC
IFSM
TVJ=45oC; tp=10ms (50Hz), sine
EAS
TVJ=25oC; non-repetitive; IAS=1.3A; L=180uH
VA=1.5.VR typ.; f=10kHz; repetitive
250
0.2
0.1
A
mJ
IAR
A
Ptot
TC=25oC
Md
mounting torque
typical
165
0.8...1.2
6
W
Nm
Weight
g
HUR6060PT
VRSM
V
600
VRRM
V
600
A=Anode, C=Cathode, TAB=Cathode
A
A
C
C(TAB)
A
C
A
Dimensions TO-247AD
Dim.
Millimeter
Inches
Min. Max. Min.
Max.
A
19.81 20.32 0.780 0.800
B
20.80 21.46 0.819 0.845
C
15.75 16.26 0.610 0.640
D
3.55
3.65 0.140 0.144
E
4.32
5.49 0.170 0.216
F
5.4
6.2 0.212 0.244
G
1.65
2.13 0.065 0.084
H
-
4.5 -
0.177
J
1.0
1.4 0.040 0.055
K
10.8
11.0 0.426 0.433
L
4.7
5.3 0.185 0.209
M
0.4
0.8 0.016 0.031
N
1.5
2.49 0.087 0.102
Soft Recovery Behaviour High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diodes
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - HUR6060PT_16

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR6060PT SIRECTIFIER-HUR6060PT Datasheet
260Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
More results

Similar Description - HUR6060PT_16

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR2X30-100 SIRECTIFIER-HUR2X30-100_16 Datasheet
290Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR3060 SIRECTIFIER-HUR3060_16 Datasheet
257Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR2X30-30 SIRECTIFIER-HUR2X30-30_16 Datasheet
275Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR30100PT SIRECTIFIER-HUR30100PT_16 Datasheet
263Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR2X60-30 SIRECTIFIER-HUR2X60-30_16 Datasheet
283Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR1630CT SIRECTIFIER-HUR1630CT_16 Datasheet
290Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR2060CT SIRECTIFIER-HUR2060CT_16 Datasheet
292Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR3020CTS SIRECTIFIER-HUR3020CTS_16 Datasheet
257Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR30100 SIRECTIFIER-HUR30100_16 Datasheet
258Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR3030 SIRECTIFIER-HUR3030_16 Datasheet
256Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com