Electronic Components Datasheet Search |
|
AR1206JR-071ML Datasheet(PDF) 2 Page - YAGEO Corporation |
|
AR1206JR-071ML Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 9 page Chip Resistor Surface Mount www.yageo.com Dec 23, 2008 V.7 Product specification 2 9 SERIES AR 0402/0603/0805/1206 (RoHS Compliant) ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC Both part numbers are identified by the series, size, tolerance, packing type, temperature coefficient, taping reel and resistance value. SCOPE This specification describes AR0402 to AR1206 chip resistors with Ni/Au-terminations made by thick film process. APPLICATIONS Power supply in small equipment Digital multi-meter Telecommunication Computer Automotive industry FEATURES RoHS compliant - Products with lead free terminations meet RoHS requirements - Pb-glass contained in electrodes, resistor element and glass are exempted by RoHS Reducing environmentally hazardous wastes High component and equipment reliability Saving of PCB space None forbidden-materials used in products/production Halogen Free Epoxy ORDERING EXAMPLE The ordering code of a AR0603 chip resistor with gold terminations, value 56 X with ±1% tolerance, supplied in 7-inch tape reel is: AR0603FR-0756R(L). NOTE 1. All our RSMD products meet RoHS compliant. "LFP" of the internal 2D reel label mentions "Lead Free Process" 2. On customized label, "LFP" or specific symbol printed and the optional "L" at the end of GLOBAL PART NUMBER / 12NC can be added (both are on customer request) Y YA AG GE EO O B BR RA AN ND D oorrddeerriinngg ccooddee GLOBAL PART NUMBER (PREFERRED) AR XXXX X X X XX XXXX (1) (2) (3) (4) (5) (6) (1) SIZE 0402 0603 0805 1206 (2) TOLERANCE F = ±1% J = ±5% (for Jumper ordering, use code of J) (3) PACKAGING TYPE R = Paper taping reel (4) TEMPERATURE COEFFICIENT OF RESISTANCE – = Base on spec (5) TAPING REEL 07 = 7 inch dia. Reel (6) RESISTANCE VALUE There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point, no need to mention the last zero after R/K/M, e.g.1K2, not 1K20. Detailed resistance rules show in table of “Resistance rule of global part number”. (7) OPTIONAL CODE L = optional symbol (Note) Resistance rule of global part number Resistance code rule Example XRXX (1 to 9.76 Ω) 1R = 1 Ω 1R5 = 1.5 Ω 9R76 = 9.76 Ω XXRX (10 to 97.6 Ω) 10R = 10 Ω 97R6 = 97.6 Ω XXXR (100 to 976 Ω) 100R = 100 Ω XKXX (1 to 9.76 KΩ) 1K = 1,000 Ω 9K76 = 9760 Ω XMXX (1 to 9.76 MΩ) 1M = 1,000,000 Ω 9M76= 9,760,000 Ω |
Similar Part No. - AR1206JR-071ML |
|
Similar Description - AR1206JR-071ML |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |