Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR0402JR-071ML Datasheet(PDF) 5 Page - YAGEO Corporation

Part # AR0402JR-071ML
Description  CHIP RESISTORS WITH NI/AU TERMINATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AR0402JR-071ML Datasheet(HTML) 5 Page - YAGEO Corporation

  AR0402JR-071ML Datasheet HTML 1Page - YAGEO Corporation AR0402JR-071ML Datasheet HTML 2Page - YAGEO Corporation AR0402JR-071ML Datasheet HTML 3Page - YAGEO Corporation AR0402JR-071ML Datasheet HTML 4Page - YAGEO Corporation AR0402JR-071ML Datasheet HTML 5Page - YAGEO Corporation AR0402JR-071ML Datasheet HTML 6Page - YAGEO Corporation AR0402JR-071ML Datasheet HTML 7Page - YAGEO Corporation AR0402JR-071ML Datasheet HTML 8Page - YAGEO Corporation AR0402JR-071ML Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec 23, 2008 V.7
Product specification
5
9
SERIES
AR
0402/0603/0805/1206 (RoHS Compliant)
CONSTRUCTION
The resistor is constructed on top of a high-grade
ceramic body. Internal metal electrodes are added
on each end to make the contacts to the thick film
resistive element. The composition of the resistive
element is a noble metal imbedded into a glass and
covered by a second glass to prevent environment
influences. The resistor is laser trimmed to the rated
resistance value. The resistor is covered with a
protective epoxy coat, finally the two external
terminations (Gold) are added. See fig. 6.
DIMENSIONS
overcoat
Primary glass layer
resistive layer
(Jumper chip is a conductor)
inner electrode
termination
ceramic substrate
H
I2
YNSC075
overcoat
W
L
I1
Fig. 6 Chip resistor outlines
O
OU
UT
TL
LIIN
NE
ES
S
For dimension see Table 1
TYPE
L (mm) W (mm)
H (mm)
I1 (mm)
I2 (mm)
AR0402 1.00 ±0.05 0.50 ±0.05 0.35 ±0.05 0.20 ±0.10 0.25 ±0.10
AR0603 1.60 ±0.10 0.80 ±0.10 0.45 ±0.10 0.25 ±0.15 0.25 ±0.15
AR0805 2.00 ±0.10 1.25 ±0.10 0.50 ±0.10 0.35 ±0.20 0.35 ±0.20
AR1206 3.10 ±0.10 1.60 ±0.10 0.55 ±0.10 0.45 ±0.20 0.40 ±0.20
Table 1 For outlines see fig. 6
CHARACTERISTICS
Jumper Criteria
TYPE
RESISTANCE RANGE
Operating
Temperature
Range
Max.
Working
Voltage
Max.
Overload
Voltage
Dielectric
Withstanding
Voltage
Temperature
Coefficient
of Resistance
Rated
Current
Max.
Current
AR0402
50 V
100 V
100 V
1.0 A
2.0 A
AR0603
50 V
100 V
100 V
1.0 A
2.0 A
AR0805
150 V
300 V
300 V
2.0 A
5.0 A
AR1206
1 Ω ≤ R ≤ 10 MΩ
Zero ohm Jumper < 0.05 Ω
–55 °C
to
+155 °C
200 V
500 V
500 V
10 Ω < R ≤ 10 MΩ:
±100 ppm/°C
1 Ω ≤ R ≤ 10 Ω:
±200 ppm/°C
2.0 A
10.0A
ELECTRICAL CHARACTERISTICS
Table 2


Similar Part No. - AR0402JR-071ML

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
AR0400101 ALPHAWIRE-AR0400101 Datasheet
160Kb / 2P
   M12-A Female
AR0400105 ALPHAWIRE-AR0400105 Datasheet
160Kb / 2P
   M12-A Female
More results

Similar Description - AR0402JR-071ML

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CTG201003ULM AAC-CTG201003ULM Datasheet
200Kb / 3P
   Chip Resistors - Tin / Gold Terminations Available
logo
Vishay Siliconix
RC VISHAY-RC Datasheet
77Kb / 3P
   Thick Film Chip Resistors, Alternate Terminations
Revision: 01-Oct-14
logo
IRC - a TT electronics ...
PFC-W0402RJ-01-1001-J IRCTT-PFC-W0402RJ-01-1001-J Datasheet
400Kb / 4P
   Gold Terminations Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CHF3020CBF BOURNS-CHF3020CBF Datasheet
125Kb / 1P
   Power RF Terminations / Resistors
CHF3020CBF500L BOURNS-CHF3020CBF500L Datasheet
125Kb / 1P
   Power RF Terminations / Resistors
logo
Anaren Microwave
RFP-050100-2X50-2 ANAREN-RFP-050100-2X50-2 Datasheet
496Kb / 2P
   Chip Terminations
logo
American Accurate Compo...
TCD-2008B50J-G AAC-TCD-2008B50J-G Datasheet
91Kb / 1P
   Chip Terminations
TCD-3020C50J-G AAC-TCD-3020C50J-G Datasheet
92Kb / 1P
   Chip Terminations
logo
Anaren Microwave
RFP-100200-4X50-2 ANAREN-RFP-100200-4X50-2 Datasheet
502Kb / 2P
   Chip Terminations
logo
List of Unclassifed Man...
CZ1 ETC2-CZ1 Datasheet
122Kb / 2P
   Surface Mount Chip Terminations
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com