Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR0603JR-071KL Datasheet(PDF) 2 Page - YAGEO Corporation

Part # AR0603JR-071KL
Description  CHIP RESISTORS WITH NI/AU TERMINATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AR0603JR-071KL Datasheet(HTML) 2 Page - YAGEO Corporation

  AR0603JR-071KL Datasheet HTML 1Page - YAGEO Corporation AR0603JR-071KL Datasheet HTML 2Page - YAGEO Corporation AR0603JR-071KL Datasheet HTML 3Page - YAGEO Corporation AR0603JR-071KL Datasheet HTML 4Page - YAGEO Corporation AR0603JR-071KL Datasheet HTML 5Page - YAGEO Corporation AR0603JR-071KL Datasheet HTML 6Page - YAGEO Corporation AR0603JR-071KL Datasheet HTML 7Page - YAGEO Corporation AR0603JR-071KL Datasheet HTML 8Page - YAGEO Corporation AR0603JR-071KL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec 23, 2008 V.7
Product specification
2
9
SERIES
AR
0402/0603/0805/1206 (RoHS Compliant)
ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC
Both part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes
AR0402 to AR1206 chip resistors
with Ni/Au-terminations made by
thick film process.
APPLICATIONS

Power supply in small
equipment

Digital multi-meter

Telecommunication

Computer

Automotive industry
FEATURES

RoHS compliant
-
Products with lead free
terminations meet RoHS
requirements
-
Pb-glass contained in electrodes,
resistor element and glass are
exempted by RoHS

Reducing environmentally
hazardous wastes

High component and equipment
reliability

Saving of PCB space

None forbidden-materials used
in products/production

Halogen Free Epoxy
ORDERING EXAMPLE
The ordering code of a AR0603
chip resistor with gold terminations,
value 56 X with ±1% tolerance,
supplied in 7-inch tape reel is:
AR0603FR-0756R(L).
NOTE
1. All our RSMD products meet RoHS
compliant. "LFP" of the internal 2D reel
label mentions "Lead Free Process"
2. On customized label, "LFP" or specific
symbol printed and the optional "L" at
the end of GLOBAL PART NUMBER /
12NC can be added (both are on
customer request)
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D oorrddeerriinngg ccooddee
GLOBAL PART NUMBER (PREFERRED)
AR XXXX X X X XX XXXX
(1)
(2) (3) (4) (5)
(6)
(1) SIZE
0402
0603
0805
1206
(2) TOLERANCE
F = ±1%
J = ±5% (for Jumper ordering, use code of J)
(3) PACKAGING TYPE
R = Paper taping reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Base on spec
(5) TAPING REEL
07 = 7 inch dia. Reel
(6) RESISTANCE VALUE
There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point, no need
to mention the last zero after R/K/M, e.g.1K2, not 1K20.
Detailed resistance rules show in table of “Resistance rule of global part number”.
(7) OPTIONAL CODE
L = optional symbol (Note)
Resistance rule of global part
number
Resistance code rule
Example
XRXX
(1 to 9.76 Ω)
1R = 1 Ω
1R5 = 1.5 Ω
9R76 = 9.76 Ω
XXRX
(10 to 97.6 Ω)
10R = 10 Ω
97R6 = 97.6 Ω
XXXR
(100 to 976 Ω)
100R = 100 Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000 Ω
9K76 = 9760 Ω
XMXX
(1 to 9.76 MΩ)
1M = 1,000,000 Ω
9M76= 9,760,000 Ω


Similar Part No. - AR0603JR-071KL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AR06 ETC-AR06 Datasheet
1Mb / 2P
   HIGH PRECISION CHIP RESISTORS
logo
Assmann Electronics Inc...
AR06-HGL-TT-R ASSMANN-AR06-HGL-TT-R Datasheet
343Kb / 1P
   IC-Socket, 6 Pin, Machined Contact
AR06-HGW-T-R ASSMANN-AR06-HGW-T-R Datasheet
286Kb / 1P
   IDC-Socket, 6 Pin, Wire Wrap,
logo
Applied Power Microelec...
AR0611D3H APMICRO-AR0611D3H Datasheet
623Kb / 4P
   1-Line Low Capacitance Bi-directional TVS Diode
More results

Similar Description - AR0603JR-071KL

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CTG201003ULM AAC-CTG201003ULM Datasheet
200Kb / 3P
   Chip Resistors - Tin / Gold Terminations Available
logo
Vishay Siliconix
RC VISHAY-RC Datasheet
77Kb / 3P
   Thick Film Chip Resistors, Alternate Terminations
Revision: 01-Oct-14
logo
IRC - a TT electronics ...
PFC-W0402RJ-01-1001-J IRCTT-PFC-W0402RJ-01-1001-J Datasheet
400Kb / 4P
   Gold Terminations Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CHF3020CBF BOURNS-CHF3020CBF Datasheet
125Kb / 1P
   Power RF Terminations / Resistors
CHF3020CBF500L BOURNS-CHF3020CBF500L Datasheet
125Kb / 1P
   Power RF Terminations / Resistors
logo
Anaren Microwave
RFP-050100-2X50-2 ANAREN-RFP-050100-2X50-2 Datasheet
496Kb / 2P
   Chip Terminations
logo
American Accurate Compo...
TCD-2008B50J-G AAC-TCD-2008B50J-G Datasheet
91Kb / 1P
   Chip Terminations
TCD-3020C50J-G AAC-TCD-3020C50J-G Datasheet
92Kb / 1P
   Chip Terminations
logo
Anaren Microwave
RFP-100200-4X50-2 ANAREN-RFP-100200-4X50-2 Datasheet
502Kb / 2P
   Chip Terminations
logo
List of Unclassifed Man...
CZ1 ETC2-CZ1 Datasheet
122Kb / 2P
   Surface Mount Chip Terminations
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com