Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR0402FR-0797R6L Datasheet(PDF) 4 Page - YAGEO Corporation

Part # AR0402FR-0797R6L
Description  CHIP RESISTORS WITH NI/AU TERMINATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AR0402FR-0797R6L Datasheet(HTML) 4 Page - YAGEO Corporation

  AR0402FR-0797R6L Datasheet HTML 1Page - YAGEO Corporation AR0402FR-0797R6L Datasheet HTML 2Page - YAGEO Corporation AR0402FR-0797R6L Datasheet HTML 3Page - YAGEO Corporation AR0402FR-0797R6L Datasheet HTML 4Page - YAGEO Corporation AR0402FR-0797R6L Datasheet HTML 5Page - YAGEO Corporation AR0402FR-0797R6L Datasheet HTML 6Page - YAGEO Corporation AR0402FR-0797R6L Datasheet HTML 7Page - YAGEO Corporation AR0402FR-0797R6L Datasheet HTML 8Page - YAGEO Corporation AR0402FR-0797R6L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec 23, 2008 V.7
Product specification
4
9
SERIES
AR
0402/0603/0805/1206 (RoHS Compliant)
MARKING
AR0402
No marking
AR0603
E-96 series: 3 digits for 0603 ±1% EIA-96 marking method
For 0603 ±1% E-24 series, one short bar under marking letter
AR0603/0805/1206
E-24 series: 3 digits
First two digits for significant figure and 3rd digit for number of zeros
AR0805/1206
Both E-24 and E-96 series: 4 digits
First three digits for significant figure and 4th digit for number of zeros
For further marking information, please see special data sheet “Chip resistors marking”.
Fig. 4 Value = 10 KΩ
YNSC001
03
Fig. 2 Value = 12.4 KΩ
Fig. 1
ynsc007
Fig. 3 E-24 1% Value = 56 KΩ
ynsc003
563
Fig. 5 Value = 10 KΩ
YNSC004
00


Similar Part No. - AR0402FR-0797R6L

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
AR0400101 ALPHAWIRE-AR0400101 Datasheet
160Kb / 2P
   M12-A Female
AR0400105 ALPHAWIRE-AR0400105 Datasheet
160Kb / 2P
   M12-A Female
More results

Similar Description - AR0402FR-0797R6L

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CTG201003ULM AAC-CTG201003ULM Datasheet
200Kb / 3P
   Chip Resistors - Tin / Gold Terminations Available
logo
Vishay Siliconix
RC VISHAY-RC Datasheet
77Kb / 3P
   Thick Film Chip Resistors, Alternate Terminations
Revision: 01-Oct-14
logo
IRC - a TT electronics ...
PFC-W0402RJ-01-1001-J IRCTT-PFC-W0402RJ-01-1001-J Datasheet
400Kb / 4P
   Gold Terminations Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CHF3020CBF BOURNS-CHF3020CBF Datasheet
125Kb / 1P
   Power RF Terminations / Resistors
CHF3020CBF500L BOURNS-CHF3020CBF500L Datasheet
125Kb / 1P
   Power RF Terminations / Resistors
logo
Anaren Microwave
RFP-050100-2X50-2 ANAREN-RFP-050100-2X50-2 Datasheet
496Kb / 2P
   Chip Terminations
logo
American Accurate Compo...
TCD-2008B50J-G AAC-TCD-2008B50J-G Datasheet
91Kb / 1P
   Chip Terminations
TCD-3020C50J-G AAC-TCD-3020C50J-G Datasheet
92Kb / 1P
   Chip Terminations
logo
Anaren Microwave
RFP-100200-4X50-2 ANAREN-RFP-100200-4X50-2 Datasheet
502Kb / 2P
   Chip Terminations
logo
List of Unclassifed Man...
CZ1 ETC2-CZ1 Datasheet
122Kb / 2P
   Surface Mount Chip Terminations
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com