Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR1206JR-079R76L Datasheet(PDF) 9 Page - YAGEO Corporation

Part # AR1206JR-079R76L
Description  CHIP RESISTORS WITH NI/AU TERMINATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AR1206JR-079R76L Datasheet(HTML) 9 Page - YAGEO Corporation

  AR1206JR-079R76L Datasheet HTML 1Page - YAGEO Corporation AR1206JR-079R76L Datasheet HTML 2Page - YAGEO Corporation AR1206JR-079R76L Datasheet HTML 3Page - YAGEO Corporation AR1206JR-079R76L Datasheet HTML 4Page - YAGEO Corporation AR1206JR-079R76L Datasheet HTML 5Page - YAGEO Corporation AR1206JR-079R76L Datasheet HTML 6Page - YAGEO Corporation AR1206JR-079R76L Datasheet HTML 7Page - YAGEO Corporation AR1206JR-079R76L Datasheet HTML 8Page - YAGEO Corporation AR1206JR-079R76L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec 23, 2008 V.7
Product specification
9
9
SERIES
AR
0402/0603/0805/1206 (RoHS Compliant)
REVISION HISTORY
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 7
Dec 23, 2008
-
- Change to dual brand datasheet that describes AR0402 to AR1206 with
RoHS compliant
- Description of "Halogen Free Epoxy" added
- Define global part number
Version 6
Sep 26, 2005
-
- Sizes of 0402/0805 1% and 5% extended
- Replace the 0603and 1206 parts of pdf files: RC01_02H_21_22H_51_5.
- Test method and procedure updated
- PE tape added (paper tape will be replaced by PE tape)
Version 5
Jul 07, 2003
-
- Updated company logo
- Table 1: RC01, RC02H, RC22H ordering code revised
- Marking code revised
Version 4
Oct 14, 2001
-
- Table 3: ‘length’ and ‘width’ changed; Table 4: ‘bending’ changed
Version 3
Apr 27, 2001
-
- Converted to Phycomp brand
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”


Similar Part No. - AR1206JR-079R76L

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
AR1200125 ALPHAWIRE-AR1200125 Datasheet
175Kb / 2P
   M12-A Female
logo
Littelfuse
AR120A-3095 LITTELFUSE-AR120A-3095 Datasheet
433Kb / 2P
   The ARP Series is used in systems where equal run time for two motors is desirable
More results

Similar Description - AR1206JR-079R76L

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CTG201003ULM AAC-CTG201003ULM Datasheet
200Kb / 3P
   Chip Resistors - Tin / Gold Terminations Available
logo
Vishay Siliconix
RC VISHAY-RC Datasheet
77Kb / 3P
   Thick Film Chip Resistors, Alternate Terminations
Revision: 01-Oct-14
logo
IRC - a TT electronics ...
PFC-W0402RJ-01-1001-J IRCTT-PFC-W0402RJ-01-1001-J Datasheet
400Kb / 4P
   Gold Terminations Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CHF3020CBF BOURNS-CHF3020CBF Datasheet
125Kb / 1P
   Power RF Terminations / Resistors
CHF3020CBF500L BOURNS-CHF3020CBF500L Datasheet
125Kb / 1P
   Power RF Terminations / Resistors
logo
Anaren Microwave
RFP-050100-2X50-2 ANAREN-RFP-050100-2X50-2 Datasheet
496Kb / 2P
   Chip Terminations
logo
American Accurate Compo...
TCD-2008B50J-G AAC-TCD-2008B50J-G Datasheet
91Kb / 1P
   Chip Terminations
TCD-3020C50J-G AAC-TCD-3020C50J-G Datasheet
92Kb / 1P
   Chip Terminations
logo
Anaren Microwave
RFP-100200-4X50-2 ANAREN-RFP-100200-4X50-2 Datasheet
502Kb / 2P
   Chip Terminations
logo
List of Unclassifed Man...
CZ1 ETC2-CZ1 Datasheet
122Kb / 2P
   Surface Mount Chip Terminations
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com