Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6211A1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6211A1
Description  3.1-W Mono Fully Differential Audio Power Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6211A1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA6211A1 Datasheet HTML 3Page - Texas Instruments TPA6211A1 Datasheet HTML 4Page - Texas Instruments TPA6211A1 Datasheet HTML 5Page - Texas Instruments TPA6211A1 Datasheet HTML 6Page - Texas Instruments TPA6211A1 Datasheet HTML 7Page - Texas Instruments TPA6211A1 Datasheet HTML 8Page - Texas Instruments TPA6211A1 Datasheet HTML 9Page - Texas Instruments TPA6211A1 Datasheet HTML 10Page - Texas Instruments TPA6211A1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
20m
3
50m 100m 200m
500m 1
2
PO - Output Power - W
RL = 3 Ω,
C(BYPASS) = 0 to 1 µF,
Gain = 1 V/V
2.5 V
3.6 V
5 V
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
10m
3
20m
50m 100m 200m
500m 1
2
PO - Output Power - W
2.5 V
3.6 V
5 V
RL = 4 Ω,
C(BYPASS) = 0 to 1 µF,
Gain = 1 V/V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.3
0.6
0.9
1.2
1.5
1.8
VDD = 5 V
4
8
PO - Output Power - W
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
0.3
0.6
0.9
1.2
1.5
1.8
VDD = 3.6 V
4
8
PO - Output Power - W
RL - Load Resistance - Ω
0
0.5
1
1.5
2
2.5
3
3.5
3
8
13
18
23
28
VDD = 5 V, THD 1%
VDD = 2.5 V, THD 10%
VDD = 2.5 V, THD 1%
VDD = 5 V, THD 10%
VDD = 3.6 V, THD 10%
VDD = 3.6 V, THD 1%
f = 1 kHz
Gain = 1 V/V
0
0.5
1
1.5
2
2.5
3
3.5
2.5
3
3.5
4
4.5
5
VDD - Supply Voltage - V
f = 1 kHz
Gain = 1 V/V
PO = 3 Ω, THD 10%
PO = 4 Ω, THD 10%
PO = 3 Ω, THD 1%
PO = 4 Ω, THD 1%
PO = 8 Ω, THD 1%
PO = 8 Ω, THD 10%
TPA6211A1
www.ti.com
SLOS367E – AUGUST 2003 – REVISED NOVEMBER 2015
Figure 1. Output Power vs Supply Voltage
Figure 2. Output Power vs Load Resistance
Figure 3. Power Dissipation vs Output Power
Figure 4. Power Dissipation vs Output Power
Figure 5. Total Harmonic Distortion + Noise vs Output
Figure 6. Total Harmonic Distortion + Noise vs Output
Power
Power
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPA6211A1


Similar Part No. - TPA6211A1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
More results

Similar Description - TPA6211A1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com