Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6204A1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPA6204A1
Description  1.7-W Mono Fully Differential Audio Power Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6204A1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA6204A1_17 Datasheet HTML 5Page - Texas Instruments TPA6204A1_17 Datasheet HTML 6Page - Texas Instruments TPA6204A1_17 Datasheet HTML 7Page - Texas Instruments TPA6204A1_17 Datasheet HTML 8Page - Texas Instruments TPA6204A1_17 Datasheet HTML 9Page - Texas Instruments TPA6204A1_17 Datasheet HTML 10Page - Texas Instruments TPA6204A1_17 Datasheet HTML 11Page - Texas Instruments TPA6204A1_17 Datasheet HTML 12Page - Texas Instruments TPA6204A1_17 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Bias Circuitry
+
-
Shutdown
9
TPA6204A1
www.ti.com
SLOS429C – MAY 2004 – REVISED MAY 2016
Product Folder Links: TPA6204A1
Submit Documentation Feedback
Copyright © 2004–2016 , Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TPA6204A1 is a fully differential amplifier with differential inputs and outputs. The fully differential amplifier
consists of a differential amplifier and a common-mode amplifier. The differential amplifier ensures that the
amplifier outputs a differential voltage that is equal to the differential input times the gain. The common-mode
feedback ensures that the common-mode voltage at the output is biased around VDD/2 regardless of the
common-mode voltage at the input.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Advantages of Fully Differential Amplifiers
Input coupling capacitors not required: A fully differential amplifier with good CMRR, like the TPA6204A1,
allows the inputs to be biased at voltage other than mid-supply. For example, if a DAC has mid-supply lower
than the mid-supply of the TPA6204A1, the common-mode feedback circuit adjusts for that, and the
TPA6204A1 outputs are still biased at mid-supply of the TPA6204A1. The inputs of the TPA6204A1 can be
biased from 0.5 V to VDD
− 0.8 V. If the inputs are biased outside of that range, input coupling capacitors are
required.
Mid-supply bypass capacitor, C(BYPASS), not required: The fully differential amplifier does not require a
bypass capacitor. This is because any shift in the mid-supply affects both positive and negative channels
equally and cancels at the differential output. It is important to remember that removing the bypass capacitor
slightly worsens the kSVR. A slight decrease of kSVR, however, may be acceptable when an additional
component can be eliminated.
Better RF-immunity: GSM handsets save power by turning on and shutting off the RF transmitter at a rate of
217 Hz. The transmitted signal is picked up on input and output traces. The fully differential amplifier cancels
the signal much better than the typical audio amplifier.
9.3.2 Fully Differential Amplifier Efficiency and Thermal Information
Class-AB amplifiers are inefficient. The primary cause of these inefficiencies is voltage drop across the output
stage transistors. There are two components of the internal voltage drop. One is the headroom or DC voltage
drop that varies inversely to output power. The second component is due to the sinewave nature of the output.
The total voltage drop can be calculated by subtracting the RMS value of the output voltage from VDD. The
internal voltage drop multiplied by the average value of the supply current, IDD(avg), determines the internal
power dissipation of the amplifier.


Similar Part No. - TPA6204A1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1_15 Datasheet
834Kb / 20P
[Old version datasheet]   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6204A1_17

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1_15 Datasheet
834Kb / 20P
[Old version datasheet]   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_15 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com