Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54TB6_R2_00002 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAT54TB6_R2_00002
Description  SURFACE MOUNT SCHOTTKY DIODE ARRAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAT54TB6_R2_00002 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAT54TB6_R2_00002 Datasheet HTML 1Page - Pan Jit International Inc. BAT54TB6_R2_00002 Datasheet HTML 2Page - Pan Jit International Inc. BAT54TB6_R2_00002 Datasheet HTML 3Page - Pan Jit International Inc. BAT54TB6_R2_00002 Datasheet HTML 4Page - Pan Jit International Inc. BAT54TB6_R2_00002 Datasheet HTML 5Page - Pan Jit International Inc. BAT54TB6_R2_00002 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
September 19,2016-REV.03
BAT54STB-TB6
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
VOLTAGE
30 Volt
200 mWatt
FEATURES
Isolated diode arrays for significant board space savings
Surface mount package ideally suited for automatic insertion
Extremely Fast Switching Speed
Very Low VF: 0.347V (Typ) at IF = 10mA
Lead free in compliance with EU RoHS 2011/65/EU directive
Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
Case : SOT-563 plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Approx Weight : 0.00009 ounces, 0.0026 grams
Marking : TK
POWER
ABSOLUTE RATINGS (each diode)
NOTE:
1. FR-4 Board = 70 x 60 x 1mm.
THERMAL CHARACTERISTICS
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vs
ti
n
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
m
u
m
i
x
a
M
VR
0
3V
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
VRRM
0
3V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
u
o
u
n
it
n
o
C
I F
2
.
0A
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vs
ti
n
U
)
1
e
t
o
N
(
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
PTOT
0
0
2W
m
)
1
e
t
o
N
(
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
R
θJA
5
2
6
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
TJ
5
2
1
o
t
5
5
-
O
C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TSTG
0
5
1
o
t
5
5
-
O
C
65
4
12
3


Similar Part No. - BAT54TB6_R2_00002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54TB6_R2_00002 PANJIT-BAT54TB6_R2_00002 Datasheet
137Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
More results

Similar Description - BAT54TB6_R2_00002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54STB-TB6 PANJIT-BAT54STB-TB6 Datasheet
124Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW_11 Datasheet
100Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6-AU PANJIT-BAT54TB6-AU Datasheet
98Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW_17 Datasheet
170Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6-AU PANJIT-BAT54TB6-AU_16 Datasheet
131Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAS70TW PANJIT-BAS70TW_09 Datasheet
173Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6 PANJIT-BAT54TB6_16 Datasheet
137Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAS70TW PANJIT-BAS70TW Datasheet
152Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW Datasheet
80Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAS40TW PANJIT-BAS40TW Datasheet
123Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com