Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBA1-12SBH6 Datasheet(PDF) 5 Page - Bothhand USA, LP.

Part # HBA1-12SBH6
Description  Isolated DC-DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

HBA1-12SBH6 Datasheet(HTML) 5 Page - Bothhand USA, LP.

  HBA1-12SBH6 Datasheet HTML 1Page - Bothhand USA, LP. HBA1-12SBH6 Datasheet HTML 2Page - Bothhand USA, LP. HBA1-12SBH6 Datasheet HTML 3Page - Bothhand USA, LP. HBA1-12SBH6 Datasheet HTML 4Page - Bothhand USA, LP. HBA1-12SBH6 Datasheet HTML 5Page - Bothhand USA, LP. HBA1-12SBH6 Datasheet HTML 6Page - Bothhand USA, LP. HBA1-12SBH6 Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev:20120814A
Page 5 of 7
Isolated DC-DC Converters
HBA1 Series -- 1Watt
Test Configurations
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
◎DC Power Supply:
It offers a wide voltage and current range precisely.
◎Current meter (A): Accuracy
200μA ~ 200mA 4 ranges+(0.2% rdg + 2 digits)
2000mA ~ 20A 2 ranges+(0.3% rdg + 2 digits).
◎Voltage meter (V): Accuracy
+(0.03% rdg + 4 digits).
◎Load: At full load.
◎Wires: The resistance of the wires must be small.
1. Input voltage range: Narrow input voltage range(±10%)、wide input voltage range (2:1 and 4:1)。
EX: Narrow input voltage range(±10%)
5V nominal input
4.5~5.5V
12V nominal input
10.8~13.2V
24V nominal input
21.6~26.4V
Wide input voltage range 2:1
5V nominal input
4.5~9V
12V nominal input
9~18V
24V nominal input
18~36V
48V nominal input
36~75V
Wide input voltage range 4:1 (W)
24V nominal input
9~36V
48V nominal input
18~75V
2. Input power :
Pin = Vin x Iin
Vin:Input voltage
Iin:Input current
3. Output power :
Pout = Vout x Iout
Vout:Output voltage
Iout:Output current
4. Efficiency :
Pout: Output power
Pin: Input power
5. Voltage accuracy:
Vout:Output voltage
Vout(nominal):Nominal output voltage
DC
Power Supply
A
V
Load
DC/DC
converter
V
A
DC
Power Supply
A
V
Load
DC/DC
converter
V
A
│Vout-Vout(nominal)│
Vout
x100%
Efficiency =
x100%
Pout
Pin
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


Similar Part No. - HBA1-12SBH6

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HBA1-12SBH6 BOTHHAND-HBA1-12SBH6 Datasheet
768Kb / 7P
   Isolated DC-DC Converters
More results

Similar Description - HBA1-12SBH6

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com