Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3328505 Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # 3328505
Description  Between Series Adapters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

3328505 Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  3328505 Datasheet HTML 1Page - Winchester Electronics Corporation 3328505 Datasheet HTML 2Page - Winchester Electronics Corporation 3328505 Datasheet HTML 3Page - Winchester Electronics Corporation 3328505 Datasheet HTML 4Page - Winchester Electronics Corporation 3328505 Datasheet HTML 5Page - Winchester Electronics Corporation 3328505 Datasheet HTML 6Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Between Series Adapters
Between Series Adapters solve a variety of connection problems where connectors of different types ordinarily could not be mated together. Each
adapter has a different type coupling at each end allowing for a wide variety of interconnections to fit almost all interconnection situations. All
adapters are constructed of machined brass and are nickel plated.
N to BNC
Part
Number
Description
Fig.
No.
1303505
N Male - BNC Male
145
1313505
N Male - BNC Female
146
1323505
N Female - BNC Female 147
3311505
N Female - BNC Male
147A
Fig. 145
Fig. 146
Fig. 147
Fig. 147A
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
N to UHF
Part
Number
Description
Fig.
No.
1307505
N Male - UHF Male
148
1317505
N Male - UHF Female
149
1327505
N Female - UHF
Female
150
7311505
N Female - UHF Male
151
Fig. 148
Fig. 149
Fig. 150
Fig. 151
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
N to F
Part
Number
Description
Fig.
No.
1308505
N Male - F Male
152
1318505
N Male - F Female
153
1328505
N Female - F Female
154
8311505
N Female - F Male
154A
Fig. 152
Fig. 153
Fig. 154
Fig. 154A
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
N to SMA
Part
Number
Description
Fig.
No.
1309505
N Male - SMA Male
155
1319505
N Male - SMA Female
156
1329505
N Female - SMA Female
157
9311505
N Female - SMA Male
158
132B9505
N Bulkhead Female - SMA Female
158A
132P9505
N Panel Female - SMA Female
158B
Fig. 155
Fig. 156
Fig. 157
Fig. 158
Fig. 158A
Fig. 158B
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
N to TNC
Part
Number
Description
Fig.
No
.
1325505
N Female - TNC Female
159
5311505
N Female - TNC Male
160
1305505
N Male - TNC Male
N/S
1315505
N Male - TNC Female
N/S
Fig. 159
Fig. 160


Similar Part No. - 3328505

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33285 FREESCALE-33285 Datasheet
317Kb / 13P
   Dual High-Side TMOS Driver
33285 FREESCALE-33285_07 Datasheet
317Kb / 13P
   Dual High-Side TMOS Driver
More results

Similar Description - 3328505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADT-2544-7M-NNM-02 ETC2-ADT-2544-7M-NNM-02 Datasheet
44Kb / 1P
   Between-Series Adapters
ADT-2580-NM-SMM-02 ETC2-ADT-2580-NM-SMM-02 Datasheet
67Kb / 1P
   Between-Series Adapters
logo
Aeroflex Circuit Techno...
5065 AEROFLEX-5065 Datasheet
43Kb / 1P
   ADAPTERS, BETWEEN SERIES 2.4mm / 3.5mm, DC - 34 GHz
logo
Amphenol Corporation
000-16050 AMPHENOL-000-16050 Datasheet
86Kb / 1P
   Adapters, Between Series Straight, Jack to Plug or Jack to Jack
000-16075 AMPHENOL-000-16075 Datasheet
75Kb / 1P
   Adapters, Between Series Straight, Jack to Plug or Jack to Jack
logo
List of Unclassifed Man...
ADT-2593-MF-SMA-02 ETC2-ADT-2593-MF-SMA-02 Datasheet
45Kb / 1P
   Im-Series Adapters
logo
Huber+Suhner, Inc.
33_UHF-BNC-0-1-032_- HUBERSUHNER-33_UHF-BNC-0-1-032_- Datasheet
832Kb / 1P
   Between Series Adaptor
31_MBX-SMA-50-1-111_N HUBERSUHNER-31_MBX-SMA-50-1-111_N Datasheet
808Kb / 1P
   Between Series Adaptor
31_N-SMA-50-511--_U HUBERSUHNER-31_N-SMA-50-511--_U Datasheet
792Kb / 1P
   Between Series Adaptor
31_N-SMB-50-1-1--_U HUBERSUHNER-31_N-SMB-50-1-1--_U Datasheet
794Kb / 1P
   Between Series Adaptor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com