Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3318505 Datasheet(PDF) 6 Page - Winchester Electronics Corporation

Part # 3318505
Description  Between Series Adapters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

3318505 Datasheet(HTML) 6 Page - Winchester Electronics Corporation

  3318505 Datasheet HTML 1Page - Winchester Electronics Corporation 3318505 Datasheet HTML 2Page - Winchester Electronics Corporation 3318505 Datasheet HTML 3Page - Winchester Electronics Corporation 3318505 Datasheet HTML 4Page - Winchester Electronics Corporation 3318505 Datasheet HTML 5Page - Winchester Electronics Corporation 3318505 Datasheet HTML 6Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
R0822
RCA Male - UHF Female
199
Fig. 198
Fig. 199
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
GSK to F
Part
Number
Description
Fig.
No.
83119505
GSK Female - F Male
200
Fig. 200
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
Adapter Kits
Kits are in zippered leather cases and contain enough parts for hundreds of combinations of adapters. ADPT1 is a 30 piece kit containing 2 each males
and females of: BNC, TNC, N, Mini-UHF, UHF, SMA and 6 universal adapters. Made of machined brass and nickel plated bodies. Gold contacts.
Commercial grade. ADPT2 is a 40 piece kit containing 2 each males and females of: BNC, TNC, N, Mini-UHF, UHF, SMA, F, RCA and 8 universal
adapters. Made of machined brass and gold plated bodies. Gold contacts. Broadcast grade.
Part
Number
Description
Fig. No.
ADPT 1
Commercial Grade Universal Kit
202
ADPT 2
Broadcast Grade Universal Kit
203
Fig. 203
Fig. 202
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
FOR TECHNICAL SUPPORT: PHONE 973-347-4040 / FAX 973-347-2111
31


Similar Part No. - 3318505

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3318 EBMPAPST-3318 Datasheet
301Kb / 4P
   DC axial compact fan
logo
KR Electronics, Inc.
3318 KR-3318 Datasheet
80Kb / 3P
   KR Electronics part number 3318 is a 300 MHz bandpass filter
logo
List of Unclassifed Man...
3318 ETC-3318 Datasheet
100Kb / 1P
   Heyco짰 Nylon Cable Clamps
logo
Heyco.
3318 HEYCO-3318 Datasheet
84Kb / 1P
   Nylon Cable Clamps
logo
Freescale Semiconductor...
33186 FREESCALE-33186 Datasheet
302Kb / 21P
   H-Bridge Driver
More results

Similar Description - 3318505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADT-2544-7M-NNM-02 ETC2-ADT-2544-7M-NNM-02 Datasheet
44Kb / 1P
   Between-Series Adapters
ADT-2580-NM-SMM-02 ETC2-ADT-2580-NM-SMM-02 Datasheet
67Kb / 1P
   Between-Series Adapters
logo
Aeroflex Circuit Techno...
5065 AEROFLEX-5065 Datasheet
43Kb / 1P
   ADAPTERS, BETWEEN SERIES 2.4mm / 3.5mm, DC - 34 GHz
logo
Amphenol Corporation
000-16050 AMPHENOL-000-16050 Datasheet
86Kb / 1P
   Adapters, Between Series Straight, Jack to Plug or Jack to Jack
000-16075 AMPHENOL-000-16075 Datasheet
75Kb / 1P
   Adapters, Between Series Straight, Jack to Plug or Jack to Jack
logo
List of Unclassifed Man...
ADT-2593-MF-SMA-02 ETC2-ADT-2593-MF-SMA-02 Datasheet
45Kb / 1P
   Im-Series Adapters
logo
Huber+Suhner, Inc.
33_UHF-BNC-0-1-032_- HUBERSUHNER-33_UHF-BNC-0-1-032_- Datasheet
832Kb / 1P
   Between Series Adaptor
31_MBX-SMA-50-1-111_N HUBERSUHNER-31_MBX-SMA-50-1-111_N Datasheet
808Kb / 1P
   Between Series Adaptor
31_N-SMA-50-511--_U HUBERSUHNER-31_N-SMA-50-511--_U Datasheet
792Kb / 1P
   Between Series Adaptor
31_N-SMB-50-1-1--_U HUBERSUHNER-31_N-SMB-50-1-1--_U Datasheet
794Kb / 1P
   Between Series Adaptor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com