Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

851A509 Datasheet(PDF) 2 Page - Winchester Electronics Corporation

Part # 851A509
Description  Specifications for F Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

851A509 Datasheet(HTML) 2 Page - Winchester Electronics Corporation

  851A509 Datasheet HTML 1Page - Winchester Electronics Corporation 851A509 Datasheet HTML 2Page - Winchester Electronics Corporation 851A509 Datasheet HTML 3Page - Winchester Electronics Corporation 851A509 Datasheet HTML 4Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
s
ss
s
Plugs, Jacks, Adapters
F type plugs are available in three different crimp styles: two piece with separate ferrules, one piece crimp with a short
crimp body and a one piece crimp with a long body. Also, a twist-on type for tool-less installations. Jacks for bulkhead,
inline, or PC board, and a variety of adapters are all machined brass construction.
Part Number
Description
RG/U
Cable
Fig.
No.
810A209A
2 Piece Crimp Plug, Short Ferrule
6
117
810A209D
2 Piece Crimp Plug, Short Ferrule
11
117
810A209G
2 Piece Crimp Plug, Short Ferrule
59
117
810B209G
2 Piece Crimp Plug, Long Ferrule
59
118
810D209A
2 Piece Crimp Plug, Short Ferrule
6
117
810A209MV
4 Pc Crimp Mini Coax. Uses BD11007 Tool
174
117A
810D209D
1 Piece Crimp Plug, Short Ferrule
11
119
810D209G
1 Piece Crimp Plug, Short Ferrule
59
119
810E209A
1 Piece Crimp Plug, Long Ferrule
6
120
810E209D
1 Piece Crimp Plug, Long Ferrule
11
120
810E209G
1 Piece Crimp Plug, Long Ferrule
59
120
810A409A
Twist-On
6
121
810A409G
Twist-On
59
121
810P209A
Push-On
6
122
810P209G
Push-On
59
122
816B519
Male Bulkhead Receptacle. 3/8-32 THD I.D.
Any
130A
826B519
Bulkhead Jack, Solder Tab
Any
123
832A519N
Inline Female/Female W/Nut &Washer
N/A
124
830A509
Inline, Male/Male
N/A
125
831B509
Inline Female/Male Push-On
N/A
125A
832A519
Inline Female/Female
N/A
126
843A509
“T” Adapter, Female/Male/Female
N/A
127
845A509
“T” Adapter, Female/Female/Female
N/A
128
851A509
Right Angle Adapter, Male/Female
N/A
129
F0884
75 Ohm Male Terminator
N/A
130
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
Fig. 117
Fig. 117A
Fig. 118
Fig. 119
Fig. 120
Fig. 121
Also See Push-EZ™ Next Page
Fig. 122
Fig. 123
Fig. 124
Adapters & Terminators
Fig. 125
Fig. 126
Fig. 125A
Fig. 127
Fig. 128
This recessed male acts as a jack & allows for a
replaceable female end by using a 832A519 adapter.
Also, this can be used to accommodate any adapter with
a female F interface on one side. The other end can be
BNC, TNC, or any style available. (See adapter pages)
Fig. 129
Fig. 130
Fig. 130A2
3/8 - 32 Internal Thd. ½ - External Thd.


Similar Part No. - 851A509

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
851A509 WINCHESTER-851A509 Datasheet
210Kb / 1P
   Plugs, Jacks, Adapters
More results

Similar Description - 851A509

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
132A505 WINCHESTER-132A505 Datasheet
100Kb / 4P
   Specifications for N Connectors
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
   Specifications for BNC Connectors
564A595 WINCHESTER-564A595 Datasheet
95Kb / 4P
   Specifications for TNC Connectors
732A508 WINCHESTER-732A508 Datasheet
62Kb / 3P
   Specifications for UHF Connectors
logo
AZ Displays
AGM1264M AZDISPLAYS-AGM1264M Datasheet
846Kb / 13P
   SPECIFICATIONS FOR SPECIFICATIONS FOR
ATM0280B23B AZDISPLAYS-ATM0280B23B Datasheet
401Kb / 16P
   SPECIFICATIONS FOR
logo
Jewel Hill Electronic
JH22176220A JHE-JH22176220A Datasheet
1Mb / 23P
   SPECIFICATIONS FOR
logo
XFMRS Inc.
XFEB100505-601 XFMRS-XFEB100505-601_15 Datasheet
150Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB201209-121-5A XFMRS-XFEB201209-121-5A_15 Datasheet
62Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB201209-220-6A XFMRS-XFEB201209-220-6A_15 Datasheet
27Kb / 1P
   SPECIFICATIONS FOR APPROVAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com