Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

831B509 Datasheet(PDF) 3 Page - Winchester Electronics Corporation

Part # 831B509
Description  Specifications for F Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

831B509 Datasheet(HTML) 3 Page - Winchester Electronics Corporation

  831B509 Datasheet HTML 1Page - Winchester Electronics Corporation 831B509 Datasheet HTML 2Page - Winchester Electronics Corporation 831B509 Datasheet HTML 3Page - Winchester Electronics Corporation 831B509 Datasheet HTML 4Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
- Page 26 -
s
_____________________________
FOR TECHNICAL SUPPORT: PHONE 973-347-4040 / FAX 973-347-2111
back to index
25
s
__________________________
Push EZ™ “F” Plugs With LIFT™
Bomar’s exclusive LIFT® Technology (Low Insertion Force
Termination) is used in the patented Push-EZ™ connector. It installs
by simply stripping the cable and inserting it into the connector.
That’s it. And it will not pull out.
No crimp tooling required.
Part
Numbe
r
Description
RG/U
Cable
Body
Plating
810PE209A
Push-EZ™ Plug with LIFT® Technology
6
Nickel
810PE209G
Push-EZ™ Plug with LIFT® Technology
59
Nickel
810PE205A
Push-EZ™ Plug with LIFT® Technology
6
Gold
810PE205G
Push-EZ™ Plug with LIFT® Technology
59
Gold
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
PC Board Connectors
Part
Number
Description
RG/U
Cable
Fig.
No.
861A509
PC Board Jack, Vertical
N/A
131
861V509E
V-Bite™ Edge Mount PC Jack
N/A
131V
861V509ER
V-Bite™ Reflow Type w/ TFE Insulator RG59
N/A
131V
861V509ER6
V-Bite™ Reflow Type w/ TFE Insulator RG6/59
(3GHz)
N/A
131V
864B509
PC Board Jack, Right Angle, Long
N/A
132
864B509HF
PC Board Jack, Right Angle, Long (3GHz)
N/A
132
864B509S
PC Board Jack, Right Angle, Short
N/A
133
866B509
PC Board Male, Right Angle The Eliminator™
N/A
136B
RoHS compliant reflow or wave solder
RoHS compliant wave solder
only
REQUEST QUOTE
REQUEST DRAWING


Similar Part No. - 831B509

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
831B509 WINCHESTER-831B509 Datasheet
210Kb / 1P
   Plugs, Jacks, Adapters
More results

Similar Description - 831B509

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
132A505 WINCHESTER-132A505 Datasheet
100Kb / 4P
   Specifications for N Connectors
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
   Specifications for BNC Connectors
564A595 WINCHESTER-564A595 Datasheet
95Kb / 4P
   Specifications for TNC Connectors
732A508 WINCHESTER-732A508 Datasheet
62Kb / 3P
   Specifications for UHF Connectors
logo
AZ Displays
AGM1264M AZDISPLAYS-AGM1264M Datasheet
846Kb / 13P
   SPECIFICATIONS FOR SPECIFICATIONS FOR
ATM0280B23B AZDISPLAYS-ATM0280B23B Datasheet
401Kb / 16P
   SPECIFICATIONS FOR
logo
Jewel Hill Electronic
JH22176220A JHE-JH22176220A Datasheet
1Mb / 23P
   SPECIFICATIONS FOR
logo
XFMRS Inc.
XFEB100505-601 XFMRS-XFEB100505-601_15 Datasheet
150Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB201209-121-5A XFMRS-XFEB201209-121-5A_15 Datasheet
62Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB201209-220-6A XFMRS-XFEB201209-220-6A_15 Datasheet
27Kb / 1P
   SPECIFICATIONS FOR APPROVAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com