Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1328505 Datasheet(PDF) 4 Page - Winchester Electronics Corporation

Part # 1328505
Description  Between Series Adapters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

1328505 Datasheet(HTML) 4 Page - Winchester Electronics Corporation

  1328505 Datasheet HTML 1Page - Winchester Electronics Corporation 1328505 Datasheet HTML 2Page - Winchester Electronics Corporation 1328505 Datasheet HTML 3Page - Winchester Electronics Corporation 1328505 Datasheet HTML 4Page - Winchester Electronics Corporation 1328505 Datasheet HTML 5Page - Winchester Electronics Corporation 1328505 Datasheet HTML 6Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
TNC to UHF
Part
Number
Description
Fig.
No.
5317505
TNC Male - UHF Female
179
7315505
TNC Female - UHF Male
NA
Fig. 179
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
TNC to SMA
Part
Number
Description
Fig.
No.
5309505
TNC Male - SMA Male
180
5319505
TNC Male - SMA Female
181
5329505
TNC Female-SMAFemale
182
9315505
TNC Female - SMA Male
183
531RP9505
TNC - RP Male - SMA Female
183A
532B9505
TNC Bulkhead Female - SMA Female
183B
Fig. 180
Fig. 181
Fig. 182
Fig. 183
Fig. 183A
Fig. 183B
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
Mini UHF to N
Part
Number
Description
Fig.
No.
6311505
Mini-UHF Male - N Female 184
1316505
Mini-UHF Female - N Male N/S
Fig. 184
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
Mini-UHF to UHF
Part
Number
Description
Fig.
No.
6317505
Mini-UHF Male - UHF
Female
185
7316505
Mini-UHF Female -UHF Male 186
Fig. 185
Fig. 186
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
SMA to Mini-UHF
Part
Number
Description
Fig.
No.
9306505
SMA Male - Mini-UHF Male
187
9316505
SMA Male - Mini-UHF Female
188
Fig. 187
Fig. 188
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
SMA to SMB


Similar Part No. - 1328505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
13285 ETC2-13285 Datasheet
170Kb / 1P
   STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, ZIPPER, .0030" (.0762mm)
13285 ETC-13285 Datasheet
163Kb / 1P
   Heyco짰 Nytye짰 Push Mount Nylon Cable Ties
logo
Heyco.
13285 HEYCO-13285 Datasheet
189Kb / 1P
   Nytye® Push Mount Nylon Cable Ties
13285B HEYCO-13285B Datasheet
189Kb / 1P
   Nytye® Push Mount Nylon Cable Ties
More results

Similar Description - 1328505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADT-2544-7M-NNM-02 ETC2-ADT-2544-7M-NNM-02 Datasheet
44Kb / 1P
   Between-Series Adapters
ADT-2580-NM-SMM-02 ETC2-ADT-2580-NM-SMM-02 Datasheet
67Kb / 1P
   Between-Series Adapters
logo
Aeroflex Circuit Techno...
5065 AEROFLEX-5065 Datasheet
43Kb / 1P
   ADAPTERS, BETWEEN SERIES 2.4mm / 3.5mm, DC - 34 GHz
logo
Amphenol Corporation
000-16050 AMPHENOL-000-16050 Datasheet
86Kb / 1P
   Adapters, Between Series Straight, Jack to Plug or Jack to Jack
000-16075 AMPHENOL-000-16075 Datasheet
75Kb / 1P
   Adapters, Between Series Straight, Jack to Plug or Jack to Jack
logo
List of Unclassifed Man...
ADT-2593-MF-SMA-02 ETC2-ADT-2593-MF-SMA-02 Datasheet
45Kb / 1P
   Im-Series Adapters
logo
Huber+Suhner, Inc.
33_UHF-BNC-0-1-032_- HUBERSUHNER-33_UHF-BNC-0-1-032_- Datasheet
832Kb / 1P
   Between Series Adaptor
31_MBX-SMA-50-1-111_N HUBERSUHNER-31_MBX-SMA-50-1-111_N Datasheet
808Kb / 1P
   Between Series Adaptor
31_N-SMA-50-511--_U HUBERSUHNER-31_N-SMA-50-511--_U Datasheet
792Kb / 1P
   Between Series Adaptor
31_N-SMB-50-1-1--_U HUBERSUHNER-31_N-SMB-50-1-1--_U Datasheet
794Kb / 1P
   Between Series Adaptor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com