Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUB20-48D1 Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # BUB20-48D1
Description  Isolated DC-DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BUB20-48D1 Datasheet(HTML) 3 Page - Bothhand USA, LP.

  BUB20-48D1 Datasheet HTML 1Page - Bothhand USA, LP. BUB20-48D1 Datasheet HTML 2Page - Bothhand USA, LP. BUB20-48D1 Datasheet HTML 3Page - Bothhand USA, LP. BUB20-48D1 Datasheet HTML 4Page - Bothhand USA, LP. BUB20-48D1 Datasheet HTML 5Page - Bothhand USA, LP. BUB20-48D1 Datasheet HTML 6Page - Bothhand USA, LP. BUB20-48D1 Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev:20130814 A
Page 3 of 7
Isolated DC-DC Converters
BUB20 Series -- 20 Watt
General Specifications
Efficiency
Nominal input
See table
Isolation voltage
Input to output
1500VDC
Isolation resistance
500VDC
10
9 Ohms min.
Isolation capacitance
1100pF typ.
Switching frequency
330kHz typ.
Reliability, calculated MTBF
1.58×10
6 Hrs
Physical Specifications
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Silicon rubber (UL94V-0)
2.0 × 1.0 × 0.4 Inch
Dimensions
(50.8 × 25.4 × 10.2 mm)
Weight
32.0g (1.13oz) typ.
BUB20 Series
Power Derating Curve(5)
Ambient Temp.TA (
)
BUB20-48S1
BUB20-48S1
Input voltage vs. Efficiency
Output Current vs. Efficiency
Input voltage (V)
Output Current (A)
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


Similar Part No. - BUB20-48D1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BUB20-48D1 BOTHHAND-BUB20-48D1 Datasheet
839Kb / 7P
   Isolated DC-DC Converters
BUB20-48D1W BOTHHAND-BUB20-48D1W Datasheet
537Kb / 5P
   Isolated DC-DC Converters
More results

Similar Description - BUB20-48D1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com