Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUB20-48S1 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BUB20-48S1
Description  Isolated DC-DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BUB20-48S1 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BUB20-48S1 Datasheet HTML 1Page - Bothhand USA, LP. BUB20-48S1 Datasheet HTML 2Page - Bothhand USA, LP. BUB20-48S1 Datasheet HTML 3Page - Bothhand USA, LP. BUB20-48S1 Datasheet HTML 4Page - Bothhand USA, LP. BUB20-48S1 Datasheet HTML 5Page - Bothhand USA, LP. BUB20-48S1 Datasheet HTML 6Page - Bothhand USA, LP. BUB20-48S1 Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev:20130814 A
Page 1 of 7
Isolated DC-DC Converters
BUB20 Series -- 20 Watt
Features
Wide 2 : 1 Input Voltage Range(9~18V,18~36V,36~75V)
Remote On/Off
Input / Output Isolation Voltage: 1.5K VDC
Extended Operating Temperature Range: -40°C to+85°C
Output Short Circuit Protection:
Hiccup mode & Auto Recovery
Over Voltage Protection: Clamp Mode
Shielded Metal Case with Insulated Baseplate
Lead Free Design, RoHS Compliant
6 pin DIP Package with Industry-Standard Footprint
Customer Design Available
Safety Standard / Approval :IEC/ EN 60950-1
Technical Specification
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output Current (mA)
Input Current (mA)
Model
Number
Input Voltage
Range
Output
Voltage
(V)
Min. Load
(1)
Full. Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3)
(uF)
BUB20-12S0
3.3
0
4000
61
1418
82
28000
BUB20-12S1
5
0
4000
92
2083
84
26000
BUB20-12S2
12
28
1670
94
1998
88
4900
BUB20-12S3
15
24
1340
90
1982
89
2960
BUB20-12D1
±5
0
±2000
85
2064
85
12000
BUB20-12D2
±12
0
±835
92
1988
88
2020
BUB20-12D3
9~18V
Nominal:12V
±15
±8
±670
90
1984
88
880
BUB20-24S0
3.3
0
4000
26
693
83
36560
BUB20-24S1
5
0
4000
33
1019
86
19760
BUB20-24S2
12
0
1670
33
971
90
4600
BUB20-24S3
15
33
1340
31
968
91
2900
BUB20-24D1
±5
0
±2000
31
1004
87
13000
BUB20-24D2
±12
0
±835
34
968
90
2300
BUB20-24D3
18~36V
Nominal:24V
±15
0
±670
31
964
91
1400
BUB20-48S0
3.3
0
4000
12
351
82
58000
BUB20-48S1
5
0
4000
15
513
85
23280
BUB20-48S2
12
0
1670
16
487
90
4584
BUB20-48S3
15
33
1340
15
484
90
2824
BUB20-48D1
±5
0
±2000
14
501
87
11760
BUB20-48D2
±12
0
±835
15
485
90
1600
BUB20-48D3
36~75V
Nominal:48VDC
±15
0
±670
15
484
90
960
Description
The BUB20 Series are isolated 20W DC/DC converters.
Designed with highly efficiency, allow the operating temperature
range of these units to be -40°C to +85°C in a 6 pin DIP package
with industry-standard footprint. Further features include wide 2 :
1 input voltage range, remote on/off control, short-circuit
protection and over voltage protection.
Applications
These converters are well suitable for battery operated
equipment,
measurement
equipment,
telecom,
wireless
network, Industry control system, everywhere where isolated,
tightly regulated voltages and compact size are required.
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


Similar Part No. - BUB20-48S1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BUB20-48S1 BOTHHAND-BUB20-48S1 Datasheet
839Kb / 7P
   Isolated DC-DC Converters
BUB20-48S1W BOTHHAND-BUB20-48S1W Datasheet
537Kb / 5P
   Isolated DC-DC Converters
More results

Similar Description - BUB20-48S1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com