Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

810E209G Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # 810E209G
Description  Plugs, Jacks, Adapters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

810E209G Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  810E209G Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
s
s
ss
s
s
Plugs, Jacks, Adapters
F type plugs are available in three different crimp styles: two piece with separate ferrules, one piece crimp with a short crimp
body and a one piece crimp with a long body. Also, a twist-on type for tool-less installations. Jacks for bulkhead, inline, or PC
board, and a variety of adapters are all machined brass construction.
Part Number
Description
RG/U
Cable
Fig.
No.
810A209A
2 Piece Crimp Plug, Short Ferrule
6
117
810A209D
2 Piece Crimp Plug, Short Ferrule
11
117
810A209G
2 Piece Crimp Plug, Short Ferrule
59
117
810B209G
2 Piece Crimp Plug, Long Ferrule
59
118
810D209A
2 Piece Crimp Plug, Short Ferrule
6
119
810A209MV 4 Pc Crimp Mini Coax. Uses BD11007 Tool
174 117A
810D209D
1 Piece Crimp Plug, Short Ferrule
11
119
810D209G
1 Piece Crimp Plug, Short Ferrule
59
119
810E209A
1 Piece Crimp Plug, Long Ferrule
6
120
810E209D
1 Piece Crimp Plug, Long Ferrule
11
120
810E209G
1 Piece Crimp Plug, Long Ferrule
59
120
810A409A
Twist-On
6
121
810A409G
Twist-On
59
121
810P209A
Push-On
6
122
810P209G
Push-On
59
122
816B519
Male Bulkhead Receptacle. 3/8-32 THD I.D.
Any 130A
826B519
Bulkhead Jack, Solder Tab
Any 123
832A519N
Inline Female/Female W/Nut &Washer
N/A 124
830A509
Inline, Male/Male
N/A 125
831B509
Inline Female/Male Push-On
N/A 125A
832A519
Inline Female/Female
N/A 126
843A509
“ T” Adapter, Female/Male/Female
N/A 127
845A509
“ T” Adapter, Female/Female/Female
N/A 128
851A509
Right Angle Adapter, Male/Female
N/A 129
F0884
75 Ohm Male Terminator
N/A 130
Fig. 117
Fig. 117A
Fig. 118
Fig. 119
Fig. 120
Fig. 121
Also See Push-EZ™ Next Page
Fig. 122
Fig. 123
Fig. 124
Adapters & Terminators
Fig. 125
Fig. 126
Fig. 125A
Fig. 127
Fig. 128
This recessed male acts as a jack & allows for a
replaceable female end by using a 832A519 adapter.
Also, this can be used to accommodate any adapter with
a female F interface on one side. The other end can be
BNC, TNC, or any style available. (See adapter pages)
Fig. 129
Fig. 130
Fig. 130A2
3/8 - 32 Internal Thd. ½ - External Thd.
_____________________________


Similar Part No. - 810E209G

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
810E209G WINCHESTER-810E209G Datasheet
107Kb / 4P
   Specifications for F Connectors
More results

Similar Description - 810E209G

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
   Plugs & Jacks
logo
List of Unclassifed Man...
NP2X ETC2-NP2X Datasheet
4Mb / 23P
   Plugs & Jacks
6030 ETC2-6030 Datasheet
373Kb / 1P
   PLUGS AND JACKS
logo
Switchcraft, Inc.
RAPC752 SWITCH-RAPC752 Datasheet
352Kb / 1P
   JACKS AND PLUGS
logo
Aries Electronics, Inc.
16009 ARIES-16009 Datasheet
1Mb / 1P
   Shorting Plugs and Jacks
SP200 ARIES-SP200_11 Datasheet
1Mb / 1P
   Shorting Plugs and Jacks
logo
Kycon, Inc.
GLX-M KYCON-GLX-M Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GAX KYCON-GAX Datasheet
855Kb / 1P
   MODULAR JACKS AND PLUGS
GDWLX KYCON-GDWLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDX KYCON-GDX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com