Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BOB12-24S1 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BOB12-24S1
Description  Isolated DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BOB12-24S1 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BOB12-24S1 Datasheet HTML 1Page - Bothhand USA, LP. BOB12-24S1 Datasheet HTML 2Page - Bothhand USA, LP. BOB12-24S1 Datasheet HTML 3Page - Bothhand USA, LP. BOB12-24S1 Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BOTHHAND
USA
E-mail:
sales@bothhandUSA.com
http://www.bothhand
USA.com
Rev:20100713W1
Page 1 of
4
Isolated DC-DC Converters
BOB12 Series -- 12 Watt
Description
The BOB12 Series are isolated 12W DC/DC converters.
Designed with highly efficiency, allow the operating
temperature range of these units to be -40°C to +85°C in
a 24 pin DIP package with industry-standard footprint.
Further features include wide 2 : 1 input voltage range,
remote on/off control, short-circuit protection and over
voltage protection.
Applications
These converters are well suitable for battery operated
equipment, measurement equipment, telecom, wireless
network, Industry control system, everywhere where
isolated, tightly regulated voltages and compact size are
required.
Features
Wide 2 : 1 Input Voltage Range(9~18V,18~36V,36~75V)
Remote On/Off
Input / Output Isolation Voltage: 1.5K Vdc
Extended Operating Temperature Range: -40°C to +85°C
Output Short Circuit Protection:
Continuous & Auto Recovery
Over Voltage Protection: Clamp Mode
High Efficiency up to 88%
Shielded Metal Case with Insulated Baseplate
Lead Free Design, RoHS Compliant
24pin DIP Package with Industry-Standard Footprint
Customer Design Available
Technical Specification
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output Current (mA)
Input Current (mA)
Model
Number
Input Voltage
Range
Output
Voltage
(Vdc)
Min. Load
Full. Load
No Load
Full Load
Eff .
(1)
(%)
Capacitive
Load, max.
(2) (uF)
BOB12-12S9
2.5
0
3500
47
960
80
55100
BOB12-12S0
3.3
0
3500
56
882
82
28000
BOB12-12S1
5.1
0
2400
68
1275
84
19620
BOB12-12S2
12
0
1000
68
1220
86
3530
BOB12-12S3
15
0
800
64
1220
86
2300
BOB12-12D2
±12
0
±500
98
1220
86
1660
BOB12-12D3
9~18V
Nominal:12Vdc
±15
0
±400
65
1220
86
1100
BOB12-24S9
2.5
0
3500
22
468
82
59800
BOB12-24S0
3.3
0
3500
24
609
83
36580
BOB12-24S1
5.1
0
2400
31
630
85
18000
BOB12-24S2
12
0
1000
25
602
87
3730
BOB12-24S3
15
0
800
23
595
88
2420
BOB12-24D2
±12
0
±500
26
595
88
1880
BOB12-24D3
18~36V
Nominal:24Vdc
±15
0
±400
25
595
88
1100
BOB12-48S9
2.5
0
3500
21
237
81
56090
BOB12-48S0
3.3
0
3500
16
305
83
40550
BOB12-48S1
5.1
0
2400
14
315
85
20000
BOB12-48S2
12
0
1000
13
301
87
3960
BOB12-48S3
15
0
800
10
298
88
2750
BOB12-48D2
±12
0
±500
13
298
88
1990
BOB12-48D3
36~75V
Nominal:48Vdc
±15
0
±400
13
301
87
1100


Similar Part No. - BOB12-24S1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BOB12-24S1 BOTHHAND-BOB12-24S1 Datasheet
1Mb / 4P
   Isolated DC-DC Converters
More results

Similar Description - BOB12-24S1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com