Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRA15-24S1W Datasheet(PDF) 7 Page - Bothhand USA, LP.

Part # BRA15-24S1W
Description  Isolated DC-DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BRA15-24S1W Datasheet(HTML) 7 Page - Bothhand USA, LP.

  BRA15-24S1W Datasheet HTML 1Page - Bothhand USA, LP. BRA15-24S1W Datasheet HTML 2Page - Bothhand USA, LP. BRA15-24S1W Datasheet HTML 3Page - Bothhand USA, LP. BRA15-24S1W Datasheet HTML 4Page - Bothhand USA, LP. BRA15-24S1W Datasheet HTML 5Page - Bothhand USA, LP. BRA15-24S1W Datasheet HTML 6Page - Bothhand USA, LP. BRA15-24S1W Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev:20130813A
Page 7 of 7
Isolated DC-DC Converters
BRA15W Series -- 15 Watt
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
63
Output Ripple&Noise measurement test circuit: as shown below.
Co: usually 0.47uF.
9. Temperature derating curve: The DC-DC converter will operate over a wider temperature range if less power is
drawn from the output and the device is already running. The temperature derating curve shows the operating
power-temperature range. As shown below.
Ambient Temp.TA (
)
10. Switching frequency: The nominal operating frequency of the DC-DC converters.
11. Input to output isolation: The dielectric breakdown strength test between input and output circuits. This is the
isolation voltage the device is capable of withstanding for a specified time, usually 1 second or 1 minute.
Load
DC/DC
converter
Oscilloscope
Copper strip
Copper strip
Co
Load
DC/DC
converter
Oscilloscope
Copper strip
Copper strip
Load
DC/DC
converter
Oscilloscope
Copper strip
Copper strip
Co
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


Similar Part No. - BRA15-24S1W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BRA15-24S1W BOTHHAND-BRA15-24S1W Datasheet
720Kb / 7P
   Isolated DC-DC Converters
More results

Similar Description - BRA15-24S1W

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com