Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BOB3-48S3W Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BOB3-48S3W
Description  Isolated DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BOB3-48S3W Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BOB3-48S3W Datasheet HTML 1Page - Bothhand USA, LP. BOB3-48S3W Datasheet HTML 2Page - Bothhand USA, LP. BOB3-48S3W Datasheet HTML 3Page - Bothhand USA, LP. BOB3-48S3W Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev:20100211A
Page 1 of 4
Isolated DC-DC Converters
BOB3W Series -- 3 Watt
Features
Wide 4 : 1 Input Voltage Range(9~36V, 18~75V)
Remote On/Off
Input / Output Isolation Voltage: 1.5K Vdc
Extended Operating Temperature Range: -40°C to +85°C
Output Short Circuit Protection:
Continuous & Auto Recovery
Over Voltage Protection: Clamp Mode
Meet EN55022, Class A (Radiation)
Shielded Metal Case with Insulated Baseplate
Lead Free Design, RoHS Compliant
24pin DIP Package with Industry-Standard Footprint
Customer Design Available
Technical Specification
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output Current (mA)
Input Current (mA)
Model
Number
Input Voltage
Range
Output
Voltage
(Vdc)
Min. Load
(1)
Full. Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3) (uF)
BOB3-24S0W
3.3
15
750
6
146
75
1000
BOB3-24S1W
5
4
600
4
170
77
860
BOB3-24S2W
12
0
250
11
165
80
220
BOB3-24S3W
15
0
200
11
168
79
191
BOB3-24D1W
±5
0
±300
9
168
78
477
BOB3-24D2W
±12
0
±125
15
167
79
147
BOB3-24D3W
9~36V
Nominal:24Vdc
±15
0
±100
18
171
77
94
BOB3-48S0W
3.3
18
750
3
74
74
2500
BOB3-48S1W
5
15
600
2
85
77
1900
BOB3-48S2W
12
0
250
5
83
79
247
BOB3-48S3W
15
0
200
6
85
77
169
BOB3-48D1W
±5
0
±300
6
86
77
399
BOB3-48D2W
±12
0
±125
8
85
78
110
BOB3-48D3W
18~75V
Nominal:48Vdc
±15
0
±100
10
87
76
69
Description
The BOB3W Series are isolated 3W DC/DC converters.
Designed with highly efficiency, allow the operating
temperature range of these units to be -40°C to +85°C in
a 24 pin DIP package with industry-standard footprint.
Further features include wide 4 : 1 input voltage range,
remote on/off control, short-circuit protection and over
voltage protection.
Applications
These converters are well suitable for battery operated
equipment, measurement equipment, telecom, wireless
network, Industry control system, everywhere where
isolated, tightly regulated voltages and compact size are
required.
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


Similar Part No. - BOB3-48S3W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BOB3-48S3W BOTHHAND-BOB3-48S3W Datasheet
1Mb / 4P
   Isolated DC-DC Converters
BOB3-48S3WH3 BOTHHAND-BOB3-48S3WH3 Datasheet
896Kb / 7P
   Isolated DC-DC Converters
BOB3-48S3WH3 BOTHHAND-BOB3-48S3WH3 Datasheet
896Kb / 7P
   Isolated DC-DC Converters
More results

Similar Description - BOB3-48S3W

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com