Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BOB3-12D3H3 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BOB3-12D3H3
Description  Isolated DC-DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BOB3-12D3H3 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BOB3-12D3H3 Datasheet HTML 1Page - Bothhand USA, LP. BOB3-12D3H3 Datasheet HTML 2Page - Bothhand USA, LP. BOB3-12D3H3 Datasheet HTML 3Page - Bothhand USA, LP. BOB3-12D3H3 Datasheet HTML 4Page - Bothhand USA, LP. BOB3-12D3H3 Datasheet HTML 5Page - Bothhand USA, LP. BOB3-12D3H3 Datasheet HTML 6Page - Bothhand USA, LP. BOB3-12D3H3 Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev:20131220A
Page 1 of 7
Isolated DC-DC Converters
BOB3H3 Series -- 3 Watt
Features
Wide 2 : 1 Input Voltage Range(9~18V,18~36V,36~75V)
Remote On/Off
Input / Output Isolation Voltage: 3.0kVDC
Extended Operating Temperature Range: -40°C to +85°C
Output Short Circuit Protection:
Continuous & Auto Recovery
Over Voltage Protection: Clamp Mode
Shielded Metal Case with Insulated Baseplate
Lead Free Design, RoHS Compliant
24pin DIP Package with Industry-Standard Footprint
Customer Design Available
Technical Specification
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output Current (mA)
Input Current (mA)
Model
Number
Input Voltage
Range
Output
Voltage
(V)
Min. Load
(1)
Full. Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3) (uF)
BOB3-12S0H3
3.3
23
750
14
281
77
820
BOB3-12S1H3
5
0
600
21
333
79
680
BOB3-12S2H3
12
0
250
24
325
81
182
BOB3-12S3H3
15
0
200
25
329
80
100
BOB3-12D1H3
±5
2
±300
21
329
80
330
BOB3-12D2H3
±12
0
±125
27
325
81
82
BOB3-12D3H3
9~18V
Nominal:12Vdc
±15
0
±100
35
329
80
47
BOB3-24S0H3
3.3
23
750
8
138
79
820
BOB3-24S1H3
5
0
600
10
164
80
680
BOB3-24S2H3
12
0
250
12
160
82
182
BOB3-24S3H3
15
0
200
14
162
81
100
BOB3-24D1H3
±5
2
±300
11
164
80
330
BOB3-24D2H3
±12
0
±125
16
160
82
82
BOB3-24D3H3
18~36V
Nominal:24Vdc
±15
0
±100
17
162
81
47
BOB3-48S0H3
3.3
23
750
5
71
77
820
BOB3-48S1H3
5
0
600
7
84
78
680
BOB3-48S2H3
12
0
250
8
82
80
182
BOB3-48S3H3
15
0
200
8
82
80
100
BOB3-48D1H3
±5
2
±300
9
83
79
330
BOB3-48D2H3
±12
0
±125
10
82
80
82
BOB3-48D3H3
36~75V
Nominal:48Vdc
±15
0
±100
12
82
80
47
Description
The BOB3H3 Series are isolated 3W DC/DC converters.
Designed with highly efficiency, allow the operating
temperature range of these units to be -40°C to +85°C in
a 24 pin DIP package with industry-standard footprint.
Further features include wide 2 : 1 input voltage range,
remote on/off control, short-circuit protection and over
voltage protection.
Applications
These converters are well suitable for battery operated
equipment, measurement equipment, telecom, wireless
network, Industry control system, everywhere where
isolated, tightly regulated voltages and compact size are
required.
sales@bothhandusa.com
www.bothhandusa.com
Bothhand USA


Similar Part No. - BOB3-12D3H3

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BOB3-12D3H3 BOTHHAND-BOB3-12D3H3 Datasheet
925Kb / 7P
   Isolated DC-DC Converters
More results

Similar Description - BOB3-12D3H3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com