Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

526A515 Datasheet(PDF) 3 Page - Winchester Electronics Corporation

Part # 526A515
Description  Specifications for TNC Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

526A515 Datasheet(HTML) 3 Page - Winchester Electronics Corporation

  526A515 Datasheet HTML 1Page - Winchester Electronics Corporation 526A515 Datasheet HTML 2Page - Winchester Electronics Corporation 526A515 Datasheet HTML 3Page - Winchester Electronics Corporation 526A515 Datasheet HTML 4Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
- Page 13 -
s
s
s
s
s
- Page 12 -
510A405F
Male
58A/U, 58C/U, Stranded,
141/U
53
510A405G
Male
59/U, 62/U, 210/U
53
520A405F
Female
58A/U, 58C/U, Stranded,
141/U
52
520A405G
Female
59/U, 62/U, 210/U
52
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
Fig. 53
Fig. 52
Bulkhead Jacks
Versions are available for front mounting (F/M), rear mounting (R/M) , crimp types, bulkhead mount grounded, or
bulkhead mount isolated. These jacks are held into the panel by a hex-nut and lock washer. All units feature nickel
plated, brass bodies, and gold plated phosphor bronze contacts.
Fig. 54
Fig. 56
Fig. 55
Part
Number
RG/U Cable
Fig.
No.
521A245F
58A/U, 58C/U, Stranded,
141/U
56
521A245G
RG59/U, RG62/U, RG210
56
526A515
Any Cable Size Non Isolated
54
526R515
Any Cable Size Isolated
55
RoHS compliant
REQUEST QUOTE
REQUEST
DRAWING
________________________
FOR TECHNICAL SUPPORT:
PHONE 973-347-4040 / FAX 973-347-2111
Back to Index
12
TNC Connectors
Adapters
These sturdy within-series TNC adapters are available in all standard designs. All connector bodies are plated with bright


Similar Part No. - 526A515

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
526 ETC2-526 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Aries Electronics, Inc.
526 ARIES-526 Datasheet
647Kb / 1P
   Test Point Openings Reach All Pins
logo
Festo Corporation.
526000 FESTO-526000 Datasheet
76Kb / 1P
   Vacuum cup without connector
6/19/22
526002 FESTO-526002 Datasheet
87Kb / 1P
   Vacuum cup without connector
6/19/22
526003 FESTO-526003 Datasheet
74Kb / 1P
   Vacuum cup without connector
6/19/22
More results

Similar Description - 526A515

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
132A505 WINCHESTER-132A505 Datasheet
100Kb / 4P
   Specifications for N Connectors
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
   Specifications for BNC Connectors
732A508 WINCHESTER-732A508 Datasheet
62Kb / 3P
   Specifications for UHF Connectors
866B509 WINCHESTER-866B509 Datasheet
107Kb / 4P
   Specifications for F Connectors
logo
API Technologies Corp
1591 APITECH-1591 Datasheet
511Kb / 1P
   TNC Connectors
logo
Amphenol Corporation
031-5684 AMPHENOL-031-5684 Datasheet
2Mb / 8P
   TNC Connectors
logo
AZ Displays
AGM1264M AZDISPLAYS-AGM1264M Datasheet
846Kb / 13P
   SPECIFICATIONS FOR SPECIFICATIONS FOR
logo
List of Unclassifed Man...
122412 ETC2-122412 Datasheet
1Mb / 24P
   TNC COAXIAL CONNECTORS
logo
AZ Displays
ATM0280B23B AZDISPLAYS-ATM0280B23B Datasheet
401Kb / 16P
   SPECIFICATIONS FOR
logo
Jewel Hill Electronic
JH22176220A JHE-JH22176220A Datasheet
1Mb / 23P
   SPECIFICATIONS FOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com