Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BMB1-48D2 Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # BMB1-48D2
Description  1 Watt Isolated DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BMB1-48D2 Datasheet(HTML) 3 Page - Bothhand USA, LP.

  BMB1-48D2 Datasheet HTML 1Page - Bothhand USA, LP. BMB1-48D2 Datasheet HTML 2Page - Bothhand USA, LP. BMB1-48D2 Datasheet HTML 3Page - Bothhand USA, LP. BMB1-48D2 Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BMA1 / BMB1 Series
1 Watt Isolated DC-DC Converter
Dual
Dual
Dual
Dual Output
Output
Output
Output
3
8 . Mechanical Dimension
SIL Package Style
DIL Package Style
Pin
1K Vdc-Dual Output
Pin
1
-Vin
+Vin
14
2
13
3
No Pin
12
4
-Vo
11
5
No Pin
10
6
No Pin
+Vo
9
7
NC
common
8
Pin
1K Vdc-Dual Output
1
+Vin
2
-Vin
3
No Pin
4
-Vo
5
Common
6
+Vo
Units : mm (inch)
Tolerance : 0.xx ± 0.25(0.xx ± 0.01)
Units : mm (inch)
Tolerance : 0.xx ± 0.25(0.xx ± 0.01)
BOTHHAND USA sales@bothhandusa.com


Similar Part No. - BMB1-48D2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BMB1-48D2 BOTHHAND-BMB1-48D2 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
More results

Similar Description - BMB1-48D2

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7-1V EATON-EPM7-1V Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BMA1-SERIES BOTHHAND-BMA1-SERIES Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-1V EATON-EPM6-1V Datasheet
652Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BA-SH-LF-SERIES BOTHHAND-BA-SH-LF-SERIES Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-SHLF BOTHHAND-BA-SHLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CHB200W12 CINCON-CHB200W12 Datasheet
749Kb / 8P
   200 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
EC7BW18-72S05 CINCON-EC7BW18-72S05 Datasheet
737Kb / 8P
   20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
   75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
CHB150W12 CINCON-CHB150W12 Datasheet
709Kb / 8P
   150 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com