Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1996 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1996 Datasheet HTML 1Page - STMicroelectronics UM1996 Datasheet HTML 2Page - STMicroelectronics UM1996 Datasheet HTML 3Page - STMicroelectronics UM1996 Datasheet HTML 4Page - STMicroelectronics UM1996 Datasheet HTML 5Page - STMicroelectronics UM1996 Datasheet HTML 6Page - STMicroelectronics UM1996 Datasheet HTML 7Page - STMicroelectronics UM1996 Datasheet HTML 8Page - STMicroelectronics UM1996 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
UM1996
System overview
DocID028716 Rev 2
5/29
1
System overview
1.1
Main characteristics
Three-phase driver board for BLDC/PMSM motors
Nominal operating voltage range from 8 V to 48 V DC
15 ARMS output current
Operating frequency selectable by firmware
Overcurrent detection and protection (30 APEAK)
Thermal measuring and overheating protection
Full compatible with ST Six Step or ST FOC control algorithm
Full support for sensorless and sensor mode
3-shunt and 1-shunt configurable jumpers for motor current sensing
Hall / Encoder motor sensor connector and circuit
Debug connector for DAC, GPIOs, etc.
Potentiometer available for speed regulation
User LED
Compatible with STM32 Nucleo boards
Equipped with ST morpho connectors
RoHS compliant
1.2
Target applications
The target applications for the X-NUCLEO-IHM08M1 include:
Low voltage PMSM motor driver
Low power fans
Power tools
Industrial drives


Similar Part No. - UM1996

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1900 STMICROELECTRONICS-UM1900 Datasheet
1Mb / 19P
   Getting started with the digital MEMS microphones expansion board based on MP34DT01-M for STM32 Nucleo
July 2016 Rev 3
UM1910 STMICROELECTRONICS-UM1910 Datasheet
1Mb / 12P
   Getting started with the high power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
July 2015 Rev 1
UM1919 STMICROELECTRONICS-UM1919 Datasheet
3Mb / 37P
   STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
Rev 1
UM1928 STMICROELECTRONICS-UM1928 Datasheet
1Mb / 22P
   Getting started with STM32L476G discovery kit software development tools
August 2015 Rev 1
UM1943 STMICROELECTRONICS-UM1943 Datasheet
1Mb / 28P
   Getting started with the X-NUCLEO-IHM07M1 motor driver expansion board based on the L6230 for STM32 Nucleo
September 2015 Rev 1
More results

Similar Description - UM1996

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X-NUCLEONUCLEO-IHM08M1 STMICROELECTRONICS-X-NUCLEONUCLEO-IHM08M1 Datasheet
777Kb / 6P
   Low-Voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
June 2017 Rev 3
UM2082 STMICROELECTRONICS-UM2082 Datasheet
665Kb / 14P
   Getting started with X-NUCLEO-IHM06A1 low voltage stepper motor driver expansion board based on STSPIN220 for STM32 Nucleo
July 2016 Rev 1
UM1943 STMICROELECTRONICS-UM1943 Datasheet
1Mb / 28P
   Getting started with the X-NUCLEO-IHM07M1 motor driver expansion board based on the L6230 for STM32 Nucleo
September 2015 Rev 1
UM1970 STMICROELECTRONICS-UM1970 Datasheet
1Mb / 19P
   Getting started with the X-NUCLEO-IHM09M1 motor control connector expansion board for STM32 Nucleo
October 2015 Rev 1
UM1975 STMICROELECTRONICS-UM1975 Datasheet
1Mb / 20P
   Getting started with X-NUCLEO-IDW01M1 Wi-Fi expansion board based on SPWF01SA module for STM32 Nucleo
November 2015 Rev 1
UM2209 STMICROELECTRONICS-UM2209 Datasheet
828Kb / 17P
   Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
June 2017 Rev 1
UM1910 STMICROELECTRONICS-UM1910 Datasheet
1Mb / 12P
   Getting started with the high power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
July 2015 Rev 1
UM1955 STMICROELECTRONICS-UM1955 Datasheet
874Kb / 28P
   Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
October 2015 Rev 1
UM1900 STMICROELECTRONICS-UM1900 Datasheet
1Mb / 19P
   Getting started with the digital MEMS microphones expansion board based on MP34DT01-M for STM32 Nucleo
July 2016 Rev 3
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
   Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com