Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

310A405G Datasheet(PDF) 11 Page - Winchester Electronics Corporation

Part # 310A405G
Description  Specifications for BNC Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

310A405G Datasheet(HTML) 11 Page - Winchester Electronics Corporation

Back Button 310A405G Datasheet HTML 3Page - Winchester Electronics Corporation 310A405G Datasheet HTML 4Page - Winchester Electronics Corporation 310A405G Datasheet HTML 5Page - Winchester Electronics Corporation 310A405G Datasheet HTML 6Page - Winchester Electronics Corporation 310A405G Datasheet HTML 7Page - Winchester Electronics Corporation 310A405G Datasheet HTML 8Page - Winchester Electronics Corporation 310A405G Datasheet HTML 9Page - Winchester Electronics Corporation 310A405G Datasheet HTML 10Page - Winchester Electronics Corporation 310A405G Datasheet HTML 11Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
- Page 10 -
REQUEST QUOTE
- Page 11 -
s
- Page 9 -
s
s
s
ss
- Page 10 -
BNC Connectors
BNC Terminators
BNC terminators are available in standard 1% tolerance versions and in the economy 5% tolerance styles. The standard types have removable color coded caps for easy identification.
The economy type are color coded as well but caps are not removable.
Part Number
Description
Fig.
No.
310X054A
50
 with Red Cap
50
310C054
50
 with Grounding Chain
51
310X074
75
 with Blue Cap
50
HBC310X075
75
Precision .1% Tolerance
52
310X094
93
with Yellow Cap
50
HBC310X075
75
 Precision .1% Tolerance
53
EJ175
50
 Economy
N/S
EJ177
75
 Economy
N/S
EJ179
93
 Economy
N/S
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
Fig. 50
Fig. 51
Fig. 52
FOR TECHNICAL SUPPORT:
PHONE 973-347-4040 / FAX 973-347-2111
Back to Index
10
Coax Crimp Tools
Professional grade hex-crimp tools for coaxial connectors are available in ratchet and non-ratcheting types, both provide dependable service. Ratchet tools feature replaceable dies.
Included is a convenient release mechanism to unlatch the ratchet in the event of an improper crimp. Each too also crimps the contact pin to the conductor.
Part Number
Description
BD10100
Hex Crimp Ratchet for "F" Types, RG59, RG6
BDHD100
Hex Crimp Ratchet for Belden 8281
BDHD200
Hex Crimp Ratchet for BNC/TNC RG58,59,62 and MV
BDHD100
Hex Crimp Ratchet for Mini-RG59
BD11012
Hex Crimp Ratchet for "N" Crimp RG11, RG213, RG214
BDHD100
Hex Crimp Ratchet for BNC/TNC RG6, RG59


Similar Part No. - 310A405G

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
310A SIPEX-310A Datasheet
206Kb / 12P
   Enhanced RS-232 Line Drivers/Receivers
logo
NEC
310A NEC-310A Datasheet
3Mb / 51P
   Noise Filters
logo
Winchester Electronics ...
310A204F WINCHESTER-310A204F Datasheet
401Kb / 7P
   Serial Digital BNC Connectors
310A204G WINCHESTER-310A204G Datasheet
401Kb / 7P
   Serial Digital BNC Connectors
310A204T WINCHESTER-310A204T Datasheet
401Kb / 7P
   Serial Digital BNC Connectors
More results

Similar Description - 310A405G

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
132A505 WINCHESTER-132A505 Datasheet
100Kb / 4P
   Specifications for N Connectors
564A595 WINCHESTER-564A595 Datasheet
95Kb / 4P
   Specifications for TNC Connectors
732A508 WINCHESTER-732A508 Datasheet
62Kb / 3P
   Specifications for UHF Connectors
866B509 WINCHESTER-866B509 Datasheet
107Kb / 4P
   Specifications for F Connectors
logo
Amphenol Corporation
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
   BNC Connectors
logo
AZ Displays
AGM1264M AZDISPLAYS-AGM1264M Datasheet
846Kb / 13P
   SPECIFICATIONS FOR SPECIFICATIONS FOR
logo
Contec Co., Ltd
ATP-8L CONTEC-ATP-8L Datasheet
196Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-16E CONTEC-ATP-16E Datasheet
195Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-8 CONTEC-ATP-8 Datasheet
286Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-32F CONTEC-ATP-32F Datasheet
238Kb / 1P
   BNC Connectors for Analog I/O Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com