Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

310A405F3 Datasheet(PDF) 9 Page - Winchester Electronics Corporation

Part # 310A405F3
Description  Specifications for BNC Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

310A405F3 Datasheet(HTML) 9 Page - Winchester Electronics Corporation

Back Button 310A405F3 Datasheet HTML 3Page - Winchester Electronics Corporation 310A405F3 Datasheet HTML 4Page - Winchester Electronics Corporation 310A405F3 Datasheet HTML 5Page - Winchester Electronics Corporation 310A405F3 Datasheet HTML 6Page - Winchester Electronics Corporation 310A405F3 Datasheet HTML 7Page - Winchester Electronics Corporation 310A405F3 Datasheet HTML 8Page - Winchester Electronics Corporation 310A405F3 Datasheet HTML 9Page - Winchester Electronics Corporation 310A405F3 Datasheet HTML 10Page - Winchester Electronics Corporation 310A405F3 Datasheet HTML 11Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
- Page 8 -
- Page 9 -
- Page 7 -
Fig. 38D
Fig. 38E
Part Number
Description
Imp.
Contact
Fig.No.
BD36400
-
Hex Shafted Tool for Knurled Nut
N/A Steel/Nickel 38E
RoHS compliant reflow or wave solder
RoHS compliant wave solder only
REQUEST
QUOTE
REQUEST DRAWING
Note:Hardware is optional and must be ordered separately
BNC Multi-Port PC Jacks (Non-Threaded)
Side By Side: These right angle units are available in dual or quad configurations. These units are not threaded for panel installation using a jam nut. Up one fourth the installation
time.
Part
Number
Description
Imp.
Contact
Fig.
No.
365A2595
Dual Right Angle, Side By Side White
Valox

Phos./Gold
38B
365A2795
Dual Right Angle, Side By Side White
Valox

Phos./Gold
38B
365A2595B
Dual Right Angle, Side By Side Black
Valox

Phos./Gold
38B
365A2795B
Dual Right Angle, Side By Side Black
Valox

Phos./Gold
38B
365A4595
Quad Right Angle, Side By Side White
Valox

Phos./Gold
NS
365A4795
Quad Right Angle, Side By Side White
Valox

Phos./Gold.
NS
365A4595B
Quad Right Angle, Side By Side Black Valox

Phos./Gold
NS
365A4795B
Quad Right Angle, Side By Side Black Valox

Phos./Gold
NS
RoHS compliant reflow or wave solder
RoHS compliant wave solder only
REQUEST
QUOTE
REQUEST DRAWING
Fig.38B
________________________
FOR TECHNICAL SUPPORT: PHONE 973-347-4040 / FAX 973-347-2111
Back to Index
7
BNC Adapters


Similar Part No. - 310A405F3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
310A SIPEX-310A Datasheet
206Kb / 12P
   Enhanced RS-232 Line Drivers/Receivers
logo
NEC
310A NEC-310A Datasheet
3Mb / 51P
   Noise Filters
logo
Winchester Electronics ...
310A204F WINCHESTER-310A204F Datasheet
401Kb / 7P
   Serial Digital BNC Connectors
310A204G WINCHESTER-310A204G Datasheet
401Kb / 7P
   Serial Digital BNC Connectors
310A204T WINCHESTER-310A204T Datasheet
401Kb / 7P
   Serial Digital BNC Connectors
More results

Similar Description - 310A405F3

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
132A505 WINCHESTER-132A505 Datasheet
100Kb / 4P
   Specifications for N Connectors
564A595 WINCHESTER-564A595 Datasheet
95Kb / 4P
   Specifications for TNC Connectors
732A508 WINCHESTER-732A508 Datasheet
62Kb / 3P
   Specifications for UHF Connectors
866B509 WINCHESTER-866B509 Datasheet
107Kb / 4P
   Specifications for F Connectors
logo
Amphenol Corporation
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
   BNC Connectors
logo
AZ Displays
AGM1264M AZDISPLAYS-AGM1264M Datasheet
846Kb / 13P
   SPECIFICATIONS FOR SPECIFICATIONS FOR
logo
Contec Co., Ltd
ATP-8L CONTEC-ATP-8L Datasheet
196Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-16E CONTEC-ATP-16E Datasheet
195Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-8 CONTEC-ATP-8 Datasheet
286Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-32F CONTEC-ATP-32F Datasheet
238Kb / 1P
   BNC Connectors for Analog I/O Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com