Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

310A205P Datasheet(PDF) 5 Page - Winchester Electronics Corporation

Part # 310A205P
Description  Specifications for BNC Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

310A205P Datasheet(HTML) 5 Page - Winchester Electronics Corporation

  310A205P Datasheet HTML 1Page - Winchester Electronics Corporation 310A205P Datasheet HTML 2Page - Winchester Electronics Corporation 310A205P Datasheet HTML 3Page - Winchester Electronics Corporation 310A205P Datasheet HTML 4Page - Winchester Electronics Corporation 310A205P Datasheet HTML 5Page - Winchester Electronics Corporation 310A205P Datasheet HTML 6Page - Winchester Electronics Corporation 310A205P Datasheet HTML 7Page - Winchester Electronics Corporation 310A205P Datasheet HTML 8Page - Winchester Electronics Corporation 310A205P Datasheet HTML 9Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
- Page 5 -
- Page 4 -
Fig. 27B
Fig. 27A
* Denotes that items are not popular and may require a
special minimum quantity requirement.
________________________
FOR TECHNICAL SUPPORT:
PHONE 973-347-4040 / FAX 973-347-2111
Back to Index
4
BNC Connectors
BNC PC Board Right Angle JacksX
These BNC jacks are manufactured to the highest standards to assure stability in maintaining impedance matching at 50 ohm and 75 ohm applications.
The 50 ohm versions have been approved by most of the U.S. manufacturers of LAN cards, and the 75 ohm is in wide use in High Definition Video
applications which require the use of a True 75 ohm connector. Contacts are phosphor bronze and will remain resilient even after hundreds of insertions.
Part Number
Body Material
Description
Imp.
Height
F.M.S.
Contact
Plating
Fig.
No.
Dwg.
364M095
Nickel/Zinc
4 Post Low Profile, Metal
50
 .453
Gold
38
364M0975
Nickel /Zinc
4 Post Low Profile, Metal
75
 .453
Gold
38
364A595
White Valox
Standard Profile W/ Posts
50
 .610
Gold
28
364A595T
White Valox
Standard Profile W/ Posts (TPX)
50
 .610
Gold
28
364A595NP*
White Valox
Standard Profile WO Posts
50
 .610
Gold
35
364A595NPT*
White Valox
Standard Profile WO Posts (TPX)
50
 .610
Gold
35
364A595B
Black Valox
Standard Profile W/ Posts
50
 .610
Gold
30
364A595BT
Black Valox
Standard Profile W/ Posts (TPX)
50
 .610
Gold
30
364A595BNP*
Black Valox
Standard Profile WO Posts
50
 .610
Gold
35
364A595BNPT*
Black Valox
Standard Profile WO Posts (TPX)
50
 .610
Gold
35
364A595BL
White Valox
Lo Profile W/ Posts
50
 .515
Gold
29
364A595BLT
White Valox
Lo Profile W/ Posts (TPX)
50
 .515
Gold
29
364A595BLNP*
White Valox
Lo-Profile W/O Posts
50
 .515
Gold
34
364A595BLB
Black Valox
Lo-Profile W/ Posts
50
 .515
Gold
31
364A595BLBT
Black Valox
Lo-Profile W/ Posts (TPX)
50
 .515
Gold
31
364A595BLBNP*
Black Valox
Lo-Profile W/O Posts
50
 .515
Gold
34
364M595
Nickel /Zinc
Standard Profile W/ Posts
50
 .620
Gold
32
364M595T
Nickel /Zinc
Standard Profile W/ Posts (TPX)
50
 .620
Gold
32
364M595M
Nickel /Zinc
Super Lo-Profile W/ Clips
50
 .340
Gold
35A
364M595MT
Nickel /Zinc
Super Lo-Profile W/ Clips (TPX)
50
 .340
Gold
35A
364M595L
Nickel / Zinc
Lo-Profile W/ Posts
50
 .529
Gold
33
364M595LT
Nickel / Zinc
Lo-Profile W/ Posts (TPX)
50
 .529
Gold
33
364A795
White Valox
Standard Profile W/ Posts (TPX)
75
 .610
Gold
28
364A795T
White Valox
Standard Profile W/ Posts
75
 .610
Gold
28
364A795B
Black Valox
Standard Profile W/ Posts
75
 .610
Gold
30
Fig 28 ig.
Fig 29
Fig. 30
Fig. 31
Fig. 32
Fig. 33
Fig. 34
Fig. 35


Similar Part No. - 310A205P

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
310A205P WINCHESTER-310A205P Datasheet
401Kb / 7P
   Serial Digital BNC Connectors
More results

Similar Description - 310A205P

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
132A505 WINCHESTER-132A505 Datasheet
100Kb / 4P
   Specifications for N Connectors
564A595 WINCHESTER-564A595 Datasheet
95Kb / 4P
   Specifications for TNC Connectors
732A508 WINCHESTER-732A508 Datasheet
62Kb / 3P
   Specifications for UHF Connectors
866B509 WINCHESTER-866B509 Datasheet
107Kb / 4P
   Specifications for F Connectors
logo
Amphenol Corporation
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
   BNC Connectors
logo
AZ Displays
AGM1264M AZDISPLAYS-AGM1264M Datasheet
846Kb / 13P
   SPECIFICATIONS FOR SPECIFICATIONS FOR
logo
Contec Co., Ltd
ATP-8L CONTEC-ATP-8L Datasheet
196Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-16E CONTEC-ATP-16E Datasheet
195Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-8 CONTEC-ATP-8 Datasheet
286Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-32F CONTEC-ATP-32F Datasheet
238Kb / 1P
   BNC Connectors for Analog I/O Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com