Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B9-1205D2LF Datasheet(PDF) 4 Page - Bothhand USA, LP.

Part # B9-1205D2LF
Description  2 Watt Isolated DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B9-1205D2LF Datasheet(HTML) 4 Page - Bothhand USA, LP.

  B9-1205D2LF Datasheet HTML 1Page - Bothhand USA, LP. B9-1205D2LF Datasheet HTML 2Page - Bothhand USA, LP. B9-1205D2LF Datasheet HTML 3Page - Bothhand USA, LP. B9-1205D2LF Datasheet HTML 4Page - Bothhand USA, LP. B9-1205D2LF Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2 Watt Isolated DC-DC Converter
B9 LF - Series
Low Enable Dual Output
8 . Mechanical Dimension
Metal Case Mode
0.50
(0.02)
0.25
(0.01)
3.5 Min.
(0.138)
Printed
Face
3.20
(0.126)
0.50 (0.02)
2.54
(0.10)
21.90
(0.862)
17.78
(0.70)
11.20
(0.441)
9.20
(0.362)
B9-4805D2 LF
Pb
19.00
(0.75)
9.00
(0.35)
8.50
(0.33)
5.00
(0.20)
Units:mm(inch)
Tolerance:xx±0.25(±0.01)
Pin
1 K Vdc-Single
1
-Vin
2
+Vin
3
Ve
4
No Pin
5
NC
6
Vo (+)
7
Common
8
Vo (-)
9 . Recommended Footprint Details
4
Bothhand
www.bothhand
E-mail: sales@bothhand
Units : mm (inch)
Tolerance : 0.xx ± 0.25 (0.xx ± 0.01)
Ø
0.8~1.0
8
7
6
5
3
2
1
17.78
(0.70)
2.54
(0.10)
3.20
(0.126)
ψ0.8~1.0


Similar Part No. - B9-1205D2LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B9-1205S2 BOTHHAND-B9-1205S2 Datasheet
223Kb / 2P
   2 Watt Isolated DC-DC Converter Low Enable Single Output
B9-1205S2LF BOTHHAND-B9-1205S2LF Datasheet
128Kb / 1P
   2W Isolated DC/DC Converter
More results

Similar Description - B9-1205D2LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
BA-2-LF-SERIES BOTHHAND-BA-2-LF-SERIES Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BD-LF-SERIES BOTHHAND-BD-LF-SERIES Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
CINCON ELECTRONICS Corp...
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
   75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com