Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1694 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1694
Description  STEVAL-ILH007V1: 150W HID digital ballast based on STLUX385A
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1694 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1694 Datasheet HTML 1Page - STMicroelectronics UM1694 Datasheet HTML 2Page - STMicroelectronics UM1694 Datasheet HTML 3Page - STMicroelectronics UM1694 Datasheet HTML 4Page - STMicroelectronics UM1694 Datasheet HTML 5Page - STMicroelectronics UM1694 Datasheet HTML 6Page - STMicroelectronics UM1694 Datasheet HTML 7Page - STMicroelectronics UM1694 Datasheet HTML 8Page - STMicroelectronics UM1694 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
June 2015
DocID025509 Rev 1
1/30
30
UM1694
User manual
STEVAL-ILH007V1: 150W HID digital ballast based on STLUX385A
Introduction
This document describes 150 W high intensity discharge (HID) digital ballasts driven by
STLUX385A devices. This platform is a solution to drive HID lamps (sodium and metal
halide). The board is composed of two stages:
1.
Power factor corrector (PFC), based on boost topology to correct the AC input current
in phase with AC voltage mains.
2.
Inverter, based on full bridge topology to drive the lamps.
The STLUX385A digital controller drives both stages.
Figure 1. STEVAL-ILH007V1
www.st.com


Similar Part No. - UM1694

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1691 STMICROELECTRONICS-UM1691 Datasheet
1Mb / 41P
   The EVAL6470H-DISC can be used together
UM1692 STMICROELECTRONICS-UM1692 Datasheet
2Mb / 42P
   The EVAL6472H-DISC can be used together
UM1693 STMICROELECTRONICS-UM1693 Datasheet
8Mb / 196P
   M0-7 standard high-side drivers hardware design guide
UM1695 STMICROELECTRONICS-UM1695 Datasheet
571Kb / 46P
   This document provides a detailed description
More results

Similar Description - UM1694

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILH005V2 STMICROELECTRONICS-STEVAL-ILH005V2 Datasheet
754Kb / 6P
   150 W electronic ballast for HID lamps based on the L6562A and ST7LITE39F2
logo
International Rectifier
IRS2573D IRF-IRS2573D Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
IRS2573DSPBF IRF-IRS2573DSPBF_15 Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
logo
STMicroelectronics
STEVAL-ILH004V1 STMICROELECTRONICS-STEVAL-ILH004V1 Datasheet
141Kb / 6P
   70 W electronic ballast for metal halide lamp (HID) based on the L6382D5 and ST7FLITE49K2
AN3372 STMICROELECTRONICS-AN3372 Datasheet
1Mb / 37P
   This note describes digital ballast for 70 W HID lamps
STEVAL-IFV002V1 STMICROELECTRONICS-STEVAL-IFV002V1 Datasheet
156Kb / 6P
   STEVAL-IFV002V1 IPCAM extension board based on the STM32F107VC
AN2747 STMICROELECTRONICS-AN2747 Datasheet
1Mb / 44P
   250 W HID metal halide electronic ballast
logo
International Rectifier
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
   HID Ballast for 70W Lamp Using the IRS2573D
logo
STMicroelectronics
AN2446 STMICROELECTRONICS-AN2446 Datasheet
233Kb / 13P
   STEVAL-IHT002V1 Intelligent thermostat for compressor based on ST7Ultralite MCU
AN4472 STMICROELECTRONICS-AN4472 Datasheet
6Mb / 44P
   STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com