Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110A205F Datasheet(PDF) 3 Page - Winchester Electronics Corporation

Part # 110A205F
Description  Specifications for N Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

110A205F Datasheet(HTML) 3 Page - Winchester Electronics Corporation

  110A205F Datasheet HTML 1Page - Winchester Electronics Corporation 110A205F Datasheet HTML 2Page - Winchester Electronics Corporation 110A205F Datasheet HTML 3Page - Winchester Electronics Corporation 110A205F Datasheet HTML 4Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
s
s
The V-Bite ® is an industry award winning design PCB connector with all the advantages a designer could want. It edge
mounts to the board which offers the lowest profile and utilizes very little PCB real estate. It lends itself to surface mount
and through-hole soldering techniques. There are versions for IR and convection reflow soldering. Because the connector
locks into place both above and below the PCB it disperses rotational torque relief to the board and not the solder points.
The V-Bite ® design offers the lowest VSWR ratings due to the straight through-put contact design. No right angles for
reflection. Available in 50 and 75 ohm, threaded and non-threaded. Other options for PCB thickness available. Other
interfaces available. See “F”, BNC Twin, TNC and N sections.
Part
Number
Description
Fig.
No.
161V504E
N type Edge Mount Jack (TFE Insul for reflow)
98
161V504EFT
N type Edge Mount Jack w/ Flange and Threads (TFE Insul
for reflow)
99
162V504E
N Type Edge Mount Plug (TFE Insul for reflow)
100
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
Fig. 98
Fig. 99
Fig. 100
Adapters & Terminator
Standard configurations of adapters are machined brass with attractive nickel plating. All contacts are gold plated brass
(males) and phosphor bronze (females).
Part
Number
Description
Fig.
No.
132A505
Female/Female Inline
97A
143A505
F/M/F “T” Adapter
93
145A505
F/F/F “T” Adapter
94
151A505
F/M Right Angle Adapter
95
130A5011
Male/Male Inline (Tri-Plate) 97B
132A5011
Female/Female (Tri-Plate)
97C
TC1028
50W Female
96
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
Fig. 95
Fig. 93
Fig. 97A
Fig. 97B
Fig. 97C
Fig. 94
Fig. 96
N to 7/16 Adapter Kit
7/16 Adapter Kit ADPT3PA is a 8 piece kit containing 7/16 to N, N to N and 7/16 to 7/16 adapters. Made of
machined brass and Tri-Plated bodies. Gold plated contacts.
Kits are in zippered leather cases.
REQUEST QUOTE
Part
Number
Description
Fig.
No.
ADPT3PA
N to 7/16 Adapter Kit (Tri-
Plate)
102


Similar Part No. - 110A205F

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
110AC HUAXINAN-110AC Datasheet
1Mb / 3P
   PC board mounting and direct insert mounting available
110AC-1200 HUAXINAN-110AC-1200 Datasheet
993Kb / 2P
   Small size, light weight, heavy reverse power.
110AC-1200 HUAXINAN-110AC-1200 Datasheet
993Kb / 2P
   Small size, light weight, heavy reverse power.
110AC-1200 HUAXINAN-110AC-1200 Datasheet
993Kb / 2P
   Small size, light weight, heavy reverse power
110AC-1200 HUAXINAN-110AC-1200 Datasheet
993Kb / 2P
   Small size, light weight, heavy reverse power
More results

Similar Description - 110A205F

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
   Specifications for BNC Connectors
564A595 WINCHESTER-564A595 Datasheet
95Kb / 4P
   Specifications for TNC Connectors
732A508 WINCHESTER-732A508 Datasheet
62Kb / 3P
   Specifications for UHF Connectors
866B509 WINCHESTER-866B509 Datasheet
107Kb / 4P
   Specifications for F Connectors
logo
AZ Displays
AGM1264M AZDISPLAYS-AGM1264M Datasheet
846Kb / 13P
   SPECIFICATIONS FOR SPECIFICATIONS FOR
ATM0280B23B AZDISPLAYS-ATM0280B23B Datasheet
401Kb / 16P
   SPECIFICATIONS FOR
logo
Jewel Hill Electronic
JH22176220A JHE-JH22176220A Datasheet
1Mb / 23P
   SPECIFICATIONS FOR
logo
XFMRS Inc.
XFEB100505-601 XFMRS-XFEB100505-601_15 Datasheet
150Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB201209-121-5A XFMRS-XFEB201209-121-5A_15 Datasheet
62Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB201209-220-6A XFMRS-XFEB201209-220-6A_15 Datasheet
27Kb / 1P
   SPECIFICATIONS FOR APPROVAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com