Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC7MDT10-S16 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AC7MDT10-S16
Description  The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AC7MDT10-S16 Datasheet(HTML) 4 Page - STMicroelectronics

  AC7MDT10-S16 Datasheet HTML 1Page - STMicroelectronics AC7MDT10-S16 Datasheet HTML 2Page - STMicroelectronics AC7MDT10-S16 Datasheet HTML 3Page - STMicroelectronics AC7MDT10-S16 Datasheet HTML 4Page - STMicroelectronics AC7MDT10-S16 Datasheet HTML 5Page - STMicroelectronics AC7MDT10-S16 Datasheet HTML 6Page - STMicroelectronics AC7MDT10-S16 Datasheet HTML 7Page - STMicroelectronics AC7MDT10-S16 Datasheet HTML 8Page - STMicroelectronics AC7MDT10-S16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Delivery Checklist
UM0139
4/38
3.
Connection accessories for the DIP20 and SO20 packages:
f)
Flex adapter with DIP20 connector (ref.: DB482A) for connection between your
probe and your application board.
g)
A DIP20 to DIP20 device adapter (ref.: DB535).
Note:
The DIP20 pinout on the flex adapter is askew by 90°. You must place the DIP20 to DIP20
device adapter (ref.: DB535) between the flex adapter connector and a socket (not included)
on your application board socket in order to correctly emulate your DIP20 application.
h)
A DIP20 to SO20 device adapter/socket (ref.: DB093).
4.
Connection accessories for the SDIP32 and SO28 packages:
i)
Flex adapter with SDIP32 connector (ref.: DB510) for connection between the
EMU3 probe and your application board.
j)
An SDIP32 to S028 device adapter (ref.: DB359) with connection pins to install on
your application board.
5.
ICD adapter (MB509) for connection to your application board when in-circuit
debugging ST7FLITEUS microcontrollers.
Note:
The ICD Adapter comes with 16-pin variants of the ST7FLITEUSx with 1K of Flash memory
(Package marking: ST7FLITEUSICD) and ST7FLITEU0x with 2K of Flash memory
(Package marking: ST7FLITEU0ICD). Select the device that corresponds to the
microcontroller that you are developing with and insert it in the SDIP16 socket on the ICD
Adapter.
Owners of other versions of ST7-EMU3 emulators can configure them to emulate the
ST7226x, ST7LITE families and the ST7DALI with the ST7MDT10-TEB kit. This kit includes
the ST7MDT10 TEB (ref.: DB509) to install in the probe, as well as the connection
accessories listed above (No. 2-5).


Similar Part No. - AC7MDT10-S16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AC7MDT10-D20 STMICROELECTRONICS-AC7MDT10-D20 Datasheet
152Kb / 3P
   DIP20/SO20 Connection Kit for ST7MDT10-EMU3
AC7MDT10-D32 STMICROELECTRONICS-AC7MDT10-D32 Datasheet
139Kb / 3P
   SDIP32/SO28 Connection Kit for ST7MDT10-EMU3
More results

Similar Description - AC7MDT10-S16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0250 STMICROELECTRONICS-UM0250 Datasheet
244Kb / 12P
   Getting started with the ST7
AN1812 STMICROELECTRONICS-AN1812 Datasheet
328Kb / 34P
   In general the ADC embedded in the ST7 microcontroller
AN2615 STMICROELECTRONICS-AN2615 Datasheet
529Kb / 37P
   In general the ADC embedded in the ST7 microcontroller
UM0323 STMICROELECTRONICS-UM0323 Datasheet
2Mb / 24P
   STEVAL-PCC001V1 - Getting started with the ST7
logo
Analog Devices
ADA-JET-ARM20 AD-ADA-JET-ARM20 Datasheet
480Kb / 19P
   JTAG Probes for Signum Emulators
logo
STMicroelectronics
ST7MDTX-EMU2 STMICROELECTRONICS-ST7MDTX-EMU2 Datasheet
66Kb / 4P
   REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
February 2000
ST7MDTX-EMU2B STMICROELECTRONICS-ST7MDTX-EMU2B Datasheet
111Kb / 4P
   REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
February 2000
AN1014 STMICROELECTRONICS-AN1014 Datasheet
258Kb / 25P
   HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
AN979 STMICROELECTRONICS-AN979 Datasheet
145Kb / 14P
   DRIVING AN ANALOG KEYBOARD WITH THE ST7 ADC
logo
Maxim Integrated Produc...
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
   USB Host Adapter Emulators
19-6472; Rev 4; 9/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com