Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VV6404C001 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VV6404C001
Description  Mono and Colour Digital Video CMOS Image Sensors
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6404C001 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VV6404C001 Datasheet HTML 4Page - STMicroelectronics VV6404C001 Datasheet HTML 5Page - STMicroelectronics VV6404C001 Datasheet HTML 6Page - STMicroelectronics VV6404C001 Datasheet HTML 7Page - STMicroelectronics VV6404C001 Datasheet HTML 8Page - STMicroelectronics VV6404C001 Datasheet HTML 9Page - STMicroelectronics VV6404C001 Datasheet HTML 10Page - STMicroelectronics VV6404C001 Datasheet HTML 11Page - STMicroelectronics VV6404C001 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
8/54
3.
Exposure Control
The exposure time for a pixel and the gain of the input amplifier to the 8-bit ADC are programmable via the serial
interface. The explanation below assumes that the gain and exposure values are updated together as part of a 5 byte
serial interface auto-increment sequence.
The exposure is divided into 2 components - coarse and fine. The coarse exposure value sets the number of lines a
pixel exposes for, while the fine exposure sets the number of additional pixel clock cycles a pixel integrates for. The
sum of the two gives the overall exposure time for the pixel array.
30 fps mode: Exposure Time = (Clock Divisor) x (Coarse x 393 + Fine) x (CKI clock period)/
25 fps mode: Exposure Time = (Clock Divisor) x (Coarse x 471 + Fine) x (CKI clock period)
If an exposure value is loaded outwith the valid ranges listed in the above table the value is clipped to lie within the
above ranges.
Exposure and gain values are re-timed within the sensor to ensure that a new set of values is only applied to the
sensor array at the start of each frame. Bit 0 of the Status Register is set high when a new exposure value is written
via the serial interface but has not yet been applied to the sensor array.
There is a 1 frame latency between a new exposure value being applied to the sensor array and the results of the
new exposure value being read-out. The same latency does not exist for the gain value. To ensure that the new
exposure and gain values are aligned up correctly the sensor delays the application of the new gain value by one
frame relative to the application of the new exposure value.
To eliminate the possibility of the sensor array seeing only part of the new exposure and gain setting, if the serial
interface communications extends over a frame boundary, the internal re-timing of exposure and gain data is disabled
while writing data to any location in the Exposure page of the serial interface register map. Thus if the 5 bytes of
exposure and gain data is sent as an auto-increment sequence, it is not possible for the sensor to consume only part
of the new exposure and gain data.
Value
Units
30 fps mode
25 fps mode
Min.
Max.
Min.
Max.
Coarse
Video Lines
0
302
0
302
Fine
Pixel Clocks
0
356
0
434
Table 3 : Coarse and Fine Exposure Ranges.
Gain Code, G[2:0]
Amplifier Gain
00
0
1
00
1
2
01
1
4
11
1
8
Table 4 : Main Gain Steps.


Similar Part No. - VV6404C001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VV6410 STMICROELECTRONICS-VV6410 Datasheet
563Kb / 63P
   DUAL-MODE DIGITAL CAMERA CHIPSET
VV6410 STMICROELECTRONICS-VV6410 Datasheet
1Mb / 105P
   Mono and Colour Digital Video CMOS Image Sensors
VV6410C036 STMICROELECTRONICS-VV6410C036 Datasheet
563Kb / 63P
   DUAL-MODE DIGITAL CAMERA CHIPSET
VV6410C036 STMICROELECTRONICS-VV6410C036 Datasheet
352Kb / 60P
   Low Cost Digital Camera (LCDC) Chipset
VV6410C036 STMICROELECTRONICS-VV6410C036 Datasheet
1Mb / 105P
   Mono and Colour Digital Video CMOS Image Sensors
More results

Similar Description - VV6404C001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VV5410 STMICROELECTRONICS-VV5410 Datasheet
1Mb / 105P
   Mono and Colour Digital Video CMOS Image Sensors
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
   SXGA Color/Mono Digital CMOS Image Sensor
logo
STMicroelectronics
VC5700 STMICROELECTRONICS-VC5700 Datasheet
30Kb / 2P
   UXGA Resolution Digital Video CMOS Image Sensor
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
   CMOS Image Sensors
logo
Zarlink Semiconductor I...
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
   Colour Digital Video Camera Decoder IC
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
   Colour Digital Video Camera Decoder IC
logo
List of Unclassifed Man...
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
logo
Zarlink Semiconductor I...
VP7610 ZARLINK-VP7610 Datasheet
242Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
logo
Hamamatsu Corporation
S11661 HAMAMATSU-S11661_15 Datasheet
326Kb / 9P
   CMOS area image sensors
S11105 HAMAMATSU-S11105_15 Datasheet
348Kb / 9P
   CMOS linear image sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com