Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEF4S Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEF4S
Description  Electronic fuse for 3.3 V and 5 V lines
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF4S Datasheet(HTML) 5 Page - STMicroelectronics

  STEF4S Datasheet HTML 1Page - STMicroelectronics STEF4S Datasheet HTML 2Page - STMicroelectronics STEF4S Datasheet HTML 3Page - STMicroelectronics STEF4S Datasheet HTML 4Page - STMicroelectronics STEF4S Datasheet HTML 5Page - STMicroelectronics STEF4S Datasheet HTML 6Page - STMicroelectronics STEF4S Datasheet HTML 7Page - STMicroelectronics STEF4S Datasheet HTML 8Page - STMicroelectronics STEF4S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DocID025259 Rev 2
5/22
STEF4S
Maximum ratings
22
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Positive power supply voltage
-0.3 to 15
V
VOUT
Output voltage
-0.3 to 7
V
VCP
UVLO and voltage clamp selection pin
-0.3 to VIN
V
EN
Enable pin
-0.3 to VIN
V
SST
Soft-start time selection pin
-0.3 to 4.6
V
TJ
Max. junction temperature(1)
-40 to 125
°C
TSTG
Storage temperature range
-65 to 150
°C
TLEAD
Lead temperature (soldering) 10 s
260
°C
1.
The thermal limit is set above the maximum thermal rating. It is not recommended the device to operate at temperatures
greater than the maximum ratings for extended periods of time.
Table 4. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
40
°C/W
RthJC
Thermal resistance junction-case
2.5
°C/W


Similar Part No. - STEF4S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STEF4S ETC2-STEF4S Datasheet
2Mb / 21P
   Electronic fuse for 3.3 V and 5 V lines
STEF4SPUR ETC2-STEF4SPUR Datasheet
2Mb / 21P
   Electronic fuse for 3.3 V and 5 V lines
More results

Similar Description - STEF4S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STEF4SPUR ETC2-STEF4SPUR Datasheet
2Mb / 21P
   Electronic fuse for 3.3 V and 5 V lines
logo
STMicroelectronics
STEF033 STMICROELECTRONICS-STEF033 Datasheet
1Mb / 25P
   Electronic fuse for 3.3 V line
January 2015 Rev 2
STEL12H24 STMICROELECTRONICS-STEL12H24 Datasheet
728Kb / 26P
   Electronic switch for 12 V, 5 V and 3.3 V buses
October 2021 Rev 1
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
   Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
   Electronic fuse for 5 V line
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
   Electronic fuse for 5 V line
March 2013 Rev 1
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
   Dual electronic fuse (eFuse) for 5 V and 12 V rails
DS13182 - Rev 3 - September 2020
logo
ON Semiconductor
NIS6432 ONSEMI-NIS6432_V01 Datasheet
533Kb / 13P
   Electronic Fuse, 3.3/5 Volt
November, 2020 ??Rev. 5
NIS6432 ONSEMI-NIS6432 Datasheet
210Kb / 9P
   Electronic Fuse, 3.3/5 Volt
February, 2020 ??Rev. 2
logo
STMicroelectronics
STEF512SRX STMICROELECTRONICS-STEF512SRX Datasheet
3Mb / 27P
   Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
Rev 1 - January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com