Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMW451VSN221MP40S Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EKMW451VSN221MP40S
Description  KMWSeries
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMW451VSN221MP40S Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EKMW451VSN221MP40S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMW451VSN221MP40S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Downsized snap-ins, 105
KMW
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(
µF)
Case size
φD×L(mm)
Rated ripple
tanδ
current
(Arms/105
℃,120Hz)
Rated ripple
tanδ
current
(Arms/105
℃,120Hz)
Part No.
WV
(Vdc)
Cap
(
µF)
Case size
φD×L(mm)
Part No.
420
450
400
420
150
180
220
220
270
330
330
330
390
390
390
390
470
470
560
560
680
680
680
820
1,000
120
150
180
220
270
270
270
330
330
330
22
×25
22
×30
22
×35
25.4
×25
25.4
×30
22
×45
25.4
×35
30
×25
22
×50
25.4
×40
30
×30
35
×25
25.4
×45
30
×35
30
×40
35
×30
30
×45
30
×50
35
×35
35
×40
35
×50
22
×25
22
×30
25.4
×25
25.4
×30
22
×45
25.4
×35
30
×25
22
×50
25.4
×40
30
×30
0.91
1.04
1.18
1.15
1.31
1.50
1.51
1.46
1.67
1.67
1.61
1.40
1.87
1.81
2.03
1.70
2.29
2.33
1.90
2.16
2.50
0.78
0.91
1.02
1.16
1.30
1.34
1.28
1.47
1.51
1.43
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
EKMW401VSN151MP25S
EKMW401VSN181MP30S
EKMW401VSN221MP35S
EKMW401VSN221MQ25S
EKMW401VSN271MQ30S
EKMW401VSN331MP45S
EKMW401VSN331MQ35S
EKMW401VSN331MR25S
EKMW401VSN391MP50S
EKMW401VSN391MQ40S
EKMW401VSN391MR30S
EKMW401VSN391MA25S
EKMW401VSN471MQ45S
EKMW401VSN471MR35S
EKMW401VSN561MR40S
EKMW401VSN561MA30S
EKMW401VSN681MR45S
EKMW401VSN681MR50S
EKMW401VSN681MA35S
EKMW401VSN821MA40S
EKMW401VSN102MA50S
EKMW421VSN121MP25S
EKMW421VSN151MP30S
EKMW421VSN181MQ25S
EKMW421VSN221MQ30S
EKMW421VSN271MP45S
EKMW421VSN271MQ35S
EKMW421VSN271MR25S
EKMW421VSN331MP50S
EKMW421VSN331MQ40S
EKMW421VSN331MR30S
330
390
390
390
470
470
560
560
680
120
150
150
180
180
220
220
220
270
270
270
330
330
390
390
390
470
470
560
560
680
820
35
×25
25.4
×45
25.4
×50
30
×35
30
×40
35
×30
30
×45
35
×35
35
×40
22
×25
22
×30
25.4
×25
22
×35
25.4
×30
22
×40
25.4
×35
30
×25
22
×50
25.4
×40
30
×30
25.4
×45
30
×35
25.4
×50
30
×40
35
×30
30
×45
35
×35
30
×50
35
×40
35
×45
35
×50
1.38
1.67
1.70
1.59
1.79
1.67
2.01
1.85
2.11
0.78
0.91
0.93
1.02
1.05
1.15
1.21
1.15
1.36
1.36
1.29
1.54
1.46
1.70
1.63
1.52
1.85
1.77
2.04
2.02
2.16
2.42
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
EKMW421VSN331MA25S
EKMW421VSN391MQ45S
EKMW421VSN391MQ50S
EKMW421VSN391MR35S
EKMW421VSN471MR40S
EKMW421VSN471MA30S
EKMW421VSN561MR45S
EKMW421VSN561MA35S
EKMW421VSN681MA40S
EKMW451VSN121MP25S
EKMW451VSN151MP30S
EKMW451VSN151MQ25S
EKMW451VSN181MP35S
EKMW451VSN181MQ30S
EKMW451VSN221MP40S
EKMW451VSN221MQ35S
EKMW451VSN221MR25S
EKMW451VSN271MP50S
EKMW451VSN271MQ40S
EKMW451VSN271MR30S
EKMW451VSN331MQ45S
EKMW451VSN331MR35S
EKMW451VSN391MQ50S
EKMW451VSN391MR40S
EKMW451VSN391MA30S
EKMW451VSN471MR45S
EKMW451VSN471MA35S
EKMW451VSN561MR50S
EKMW451VSN561MA40S
EKMW451VSN681MA45S
EKMW451VSN821MA50S
◆RATED RIPPLE CURRENT MULTIPLIERS
Frequency(Hz)
400 to 450Vdc
50
0.77
120
1.00
300
1.16
1k
1.30
10k
1.41
50k
1.43
Frequency Multipliers
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
211
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKMW451VSN221MP40S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EKMW451VSN221MP40S ETC2-EKMW451VSN221MP40S Datasheet
260Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com