Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS40W_R1_00001 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # BAS40W_R1_00001
Description  SURFACE MOUNT SCHOTTKY DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS40W_R1_00001 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  BAS40W_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. BAS40W_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. BAS40W_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. BAS40W_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. BAS40W_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc. BAS40W_R1_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PAGE . 5
April 21,2016-REV.05
BAS40W/AW/CW/SW
Part No_packing code_Version
BAS40W_R1_00001
BAS40W_R2_00001
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D


Similar Part No. - BAS40W_R1_00001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40W-04 DIODES-BAS40W-04 Datasheet
57Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30114 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
BAS40W-04 BILIN-BAS40W-04 Datasheet
227Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
Weitron Technology
BAS40W-04 WEITRON-BAS40W-04 Datasheet
206Kb / 3P
   Surface Mount Schottky Diodes
logo
Rectron Semiconductor
BAS40W-04 RECTRON-BAS40W-04 Datasheet
667Kb / 5P
   SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAS40W-04 DIODES-BAS40W-04 Datasheet
361Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30114 Rev. 12 - 2
More results

Similar Description - BAS40W_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com