Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W741E20X Datasheet(PDF) 11 Page - Winbond

Part # W741E20X
Description  4-BIT FLASH MICROCONTROLLER
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W741E20X Datasheet(HTML) 11 Page - Winbond

Back Button W741E20X Datasheet HTML 7Page - Winbond W741E20X Datasheet HTML 8Page - Winbond W741E20X Datasheet HTML 9Page - Winbond W741E20X Datasheet HTML 10Page - Winbond W741E20X Datasheet HTML 11Page - Winbond W741E20X Datasheet HTML 12Page - Winbond W741E20X Datasheet HTML 13Page - Winbond W741E20X Datasheet HTML 14Page - Winbond W741E20X Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
Preliminary W741E20X
Publication Release Date: March 1998
- 11 -
Revision A1
Timer/Counter
Timer 0 (TM0)
Timer 0 (TM0) is a programmable 8-bit binary down-counter. The specified value can be loaded into
TM0 by executing the MOV TM0L(TM0H), R or MOV TM0, #I instruction. When the MOV TM0L
(TM0H), R instructions are executed, the TM0 will stop down-counting (if the TM0 is down-counting),
the MR0.3 will be reset to 0, and the specified value is loaded into TM0. If MR0.3 is set to 1, the event
flag 1 (EVF.1) is reset and the TM0 starts to count. When it decrements to FFH, Timer 0 stops
operating and generates an underflow (EVF.1 = 1). The interrupt is executed if the Timer 0 interrupt
enable flag has been set (IEF.1 = 1); and the hold state is terminated if the hold release enable flag 1
has been set (HEF.1 = 1). The Timer 0 clock input can be set as FOSC/1024 or FOSC/4 by setting
MR0.0 to 1 or by resetting MR0.0 to 0. The default timer value is FOSC/4. The organization of Timer 0
is shown in Figure 5.
If the Timer 0 clock input is Fosc/4, then:
Desired time 0 interval = (preset value +1)
× 4 × 1/Fosc
If the Timer 0 clock input is Fosc/1024, then:
Desired time 0 interval = (preset value +1)
× 1024 × 1/Fosc
Preset value: Decimal number of Timer 0 preset value
Fosc: Clock oscillation frequency
Fosc/4
Fosc/1024
Enable
Disable
1. Reset
2. CLR EVF, #02H
8-bit Binary
Down Counter
S
R
Q
HEF.1
IEF.1
Hold mode release (HCF.1)
Timer 0 interrupt (INT1)
1. Reset
2. CLR EVF, #02H
EVF.1
MR0.0
(Timer 0)
1. Set MR0.3 to 1
2. MOV TM0, #I
3. Reset MR0.3 to 0
3. Set MR0.3 to 1
4. MOV TM0, #I
4
4
MOV TM0H, R
MOV TM0L, R
4. MOV TM0L, R or MOV TM0H, R
8
MOV TM0, #I
Figure 5. Organization of Timer 0
Timer 1 (TM1)
Timer 1 (TM1) is also a programmable 8-bit binary down counter, as shown in Figure 6. Timer 1 can
be used as a counter to count external events or to output an arbitrary frequency to the MFP pin. The
input clock of Timer 1 can be one of three sources: Fosc/64, Fosc, or an external clock from the RC.0


Similar Part No. - W741E20X

ManufacturerPart #DatasheetDescription
logo
Winbond
W741E201 WINBOND-W741E201 Datasheet
541Kb / 84P
   4-BIT FLASH MICROCONTROLLER
W741E202 WINBOND-W741E202 Datasheet
541Kb / 84P
   4-BIT FLASH MICROCONTROLLER
W741E203 WINBOND-W741E203 Datasheet
541Kb / 84P
   4-BIT FLASH MICROCONTROLLER
W741E204 WINBOND-W741E204 Datasheet
541Kb / 84P
   4-BIT FLASH MICROCONTROLLER
W741E205 WINBOND-W741E205 Datasheet
541Kb / 84P
   4-BIT FLASH MICROCONTROLLER
More results

Similar Description - W741E20X

ManufacturerPart #DatasheetDescription
logo
Winbond
W741E204 WINBOND-W741E204 Datasheet
541Kb / 84P
   4-BIT FLASH MICROCONTROLLER
W741E260 WINBOND-W741E260 Datasheet
554Kb / 94P
   4-BIT FLASH MICROCONTROLLER
W541E260 WINBOND-W541E260 Datasheet
75Kb / 11P
   4-BIT FLASH EPROM MICROCONTROLLER
W541E20X WINBOND-W541E20X Datasheet
93Kb / 14P
   4 BIT FLASH EPROM MICROCONTROLLER
logo
ATMEL Corporation
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
logo
Renesas Technology Corp
PD70F3178 RENESAS-PD70F3178_15 Datasheet
597Kb / 40P
   32-Bit Flash Microcontroller
logo
ATMEL Corporation
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
   8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2 Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com