Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS40 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BAS40
Description  SURFACE MOUNT SCHOTTKY DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS40 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BAS40_16 Datasheet HTML 1Page - Pan Jit International Inc. BAS40_16 Datasheet HTML 2Page - Pan Jit International Inc. BAS40_16 Datasheet HTML 3Page - Pan Jit International Inc. BAS40_16 Datasheet HTML 4Page - Pan Jit International Inc. BAS40_16 Datasheet HTML 5Page - Pan Jit International Inc. BAS40_16 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
April 2
1,2016-REV.02
BAS40 SERIES
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Reverse Breakdown Voltage
V
(BR)
I
R=10 uA
40
--
--
V
Reverse Current
I
R
V
R=25 V--
--
1.0
uA
Forward Voltage
V
F
I
F=1.0mA
I
F=10mA
I
F=40mA
--
--
0.38
0.50
1.00
V
Total Capacitance
C
T
V
R=0V, f=1.0MH
Z
--
--
5.0
pF


Similar Part No. - BAS40_16

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAS40W1 SEMTECH_ELEC-BAS40W1 Datasheet
246Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Infineon Technologies A...
BAS40 INFINEON-BAS40_11 Datasheet
125Kb / 3P
   HiRel Silicon Schottky Diode
V2, February 2011
logo
Taiwan Semiconductor Co...
BAS40 TSC-BAS40_11 Datasheet
213Kb / 2P
   200mW, Low VF, SMD Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS40 MCC-BAS40_13 Datasheet
294Kb / 4P
   Surface Mount Schottky Barrier Diode 200 mWatt Tape & Reel EIA Standard 481.
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
More results

Similar Description - BAS40_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com