Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC7927KFRL Datasheet(PDF) 10 Page - Vitesse Semiconductor Corporation

Part # VSC7927KFRL
Description  SONET/SDH 2.5Gb/s Laser Diode Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7927KFRL Datasheet(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC7927KFRL Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7927KFRL Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7927KFRL Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7927KFRL Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7927KFRL Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7927KFRL Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7927KFRL Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7927KFRL Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7927KFRL Datasheet HTML 12Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7927
SONET/SDH 2.5Gb/s Laser Diode Driver
Page 10
G52201-0, Rev 3.0
04/05/01/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Information - 24 Pin Ceramic Package (Formed Leads)
Top View
Side View
NOTES: Drawing not to scale.
Package #: 101-000-0 Issue #:1
1
2
3
4
5
6
78
9
10
11
12
13
14
15
16
17
18
24
23
22
21
20
19
INDEX
A
E
A
D
I
C
G
F
H
J
B
Key
mm
In
A
9.5
0.374
B
7.7
0.303
C
2.0
0.079
D1.27
0.050
E0.30
0.012
F
1.7
0.067
G
0.6
0.024
H11.5
0.453
I
0.125
0.005
J8.51
0.335


Similar Part No. - VSC7927KFRL

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923CA VITESSE-VSC7923CA Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923KF VITESSE-VSC7923KF Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923KFL VITESSE-VSC7923KFL Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923X VITESSE-VSC7923X Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
More results

Similar Description - VSC7927KFRL

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7928 VITESSE-VSC7928 Datasheet
131Kb / 10P
   SONET/SDH 3.2Gb/s Laser Diode Driver
logo
Micrel Semiconductor
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
logo
Vitesse Semiconductor C...
VSC7991 VITESSE-VSC7991 Datasheet
105Kb / 10P
   SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
VSC9210 VITESSE-VSC9210 Datasheet
973Kb / 2P
   2.5Gb/s SONET/SDH FEC Encoder and Decoder
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com