Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L78S18CV Datasheet(PDF) 11 Page - STMicroelectronics

Part # L78S18CV
Description  Short circuit protection
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S18CV Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L78S18CV Datasheet HTML 7Page - STMicroelectronics L78S18CV Datasheet HTML 8Page - STMicroelectronics L78S18CV Datasheet HTML 9Page - STMicroelectronics L78S18CV Datasheet HTML 10Page - STMicroelectronics L78S18CV Datasheet HTML 11Page - STMicroelectronics L78S18CV Datasheet HTML 12Page - STMicroelectronics L78S18CV Datasheet HTML 13Page - STMicroelectronics L78S18CV Datasheet HTML 14Page - STMicroelectronics L78S18CV Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
DocID2148 Rev 8
11/35
L78S
Electrical characteristics
35
Refer to the test circuits, TJ = 25 °C, VI = 14 V, IO = 500 mA, unless otherwise specified.
Table 6. Electrical characteristics of L78S09C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
8.65
9
9.35
V
VO
Output voltage
IO = 1 A, VI = 11 V
8.6
9
9.4
V
ΔVO
Line regulation
VI = 11 to 25 V
130
mV
VI = 11 to 20 V
65
ΔVO
Load regulation
IO = 20 mA to 1.5 A
170
mV
IO = 2 A
100
IQ
Quiescent current
8
mA
ΔIQ
Quiescent current change
IO = 20 mA to 1 A
0.5
mA
VI = 11 to 25 V, IO = 20 mA
1.3
ΔVO/ΔT Output voltage drift
IO = 5 mA, TJ = 0 °C to 70 °C
-1
mV/°C
eN
Output noise voltage
B = 10 Hz to 100 kHz
60
µV
SVR
Supply voltage rejection
f = 120 Hz
47(1)
dB
VI
Operating input voltage
IO 1 A
12
V
RO
Output resistance
f = 1 kHz
17
m
Ω
Isc
Short circuit current
VI = 27 V
500
mA
Iscp
Short circuit peak current
3
A
1.
Guaranteed by design.


Similar Part No. - L78S18CV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78S18CV STMICROELECTRONICS-L78S18CV Datasheet
262Kb / 21P
   2A POSITIVE VOLTAGE REGULATORS
L78S18CV STMICROELECTRONICS-L78S18CV Datasheet
1Mb / 31P
   2 A positive voltage regulators
More results

Similar Description - L78S18CV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
logo
STMicroelectronics
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
   Short circuit protection
February 2017 Rev 5
logo
Inchange Semiconductor ...
LM7824 ISC-LM7824 Datasheet
236Kb / 2P
   Short circuit protection
logo
Astec America, Inc
ASA ASTEC-ASA Datasheet
115Kb / 2P
   Short circuit protection
logo
STMicroelectronics
STEVAL-ISA089V1 STMICROELECTRONICS-STEVAL-ISA089V1 Datasheet
78Kb / 4P
   Short-circuit protection
April 2011 Rev 1
STEVAL-ILL074V1 STMICROELECTRONICS-STEVAL-ILL074V1 Datasheet
291Kb / 5P
   Short circuit protection
March 2016 Rev 3
L149H STMICROELECTRONICS-L149H Datasheet
119Kb / 6P
   SHORT CIRCUIT PROTECTION
logo
PEAK electronics GmbH
P6LG-053R3EK PEAK-P6LG-053R3EK Datasheet
149Kb / 3P
   Short Circuit Protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com