Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4987Cxx33 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4987Cxx33
Description  Dropout control flag
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4987Cxx33 Datasheet(HTML) 1 Page - STMicroelectronics

  L4987Cxx33 Datasheet HTML 1Page - STMicroelectronics L4987Cxx33 Datasheet HTML 2Page - STMicroelectronics L4987Cxx33 Datasheet HTML 3Page - STMicroelectronics L4987Cxx33 Datasheet HTML 4Page - STMicroelectronics L4987Cxx33 Datasheet HTML 5Page - STMicroelectronics L4987Cxx33 Datasheet HTML 6Page - STMicroelectronics L4987Cxx33 Datasheet HTML 7Page - STMicroelectronics L4987Cxx33 Datasheet HTML 8Page - STMicroelectronics L4987Cxx33 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
September 2007
Rev. 6
1/16
16
L4987Cxx
Very low drop voltage regulators
with inhibit and dropout control flag
Features
Very low dropout voltage (0.25 V typ.)
Dropout control flag
Very low quiescent current
(Typ. 90 mA in OFF Mode, 500 mA in ON
Mode)
Output current up to 200 mA
Logic-controlled electronic shutdown
Output voltages of 3.3 V, 5 V
Internal current and thermal limit
Only 2.2 µF for stability
Available in ± 2% selection at 25°C
Supply voltage rejection: 70 dB (typ.)
Description
The L4987 is a very low drop regulator available
in PPAK. The very low drop-voltage (0.5 V Max at
200 mA) and the very low quiescent current make
it particularly suitable for low noise, low power
applications, and in battery powered systems.
The input dump protection up to 40 V makes it
ideal for automotive applications. a shutdown
Logic Control function is available (pin 2, TTL
compatible). This means that when the device is
used as a local regulator, it is possible to put a
part of the board in standby, decreasing the total
power consumption. The regulator employs an
output pin (open collector) providing a logic signal
when the pass transistor is in saturation at low
input voltage, this signal can be used to prevent
the pop-up phenomenon in the car radio. In
battery powered systems (the cellular phone,
notebook) it is possible to use the flag to monitor
the battery charge status through the dropout of
the regulator.
PPAK
Table 1.
Device summary
Part number
Order code
Output voltage
L4987Cxx33
L4987CPT33TR
3.3 V
L4987Cxx50
L4987CPT50TR
5.0 V
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - L4987Cxx33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4987CPT120 STMICROELECTRONICS-L4987CPT120 Datasheet
94Kb / 11P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT AND DROPOUT CONTROL FLAG
October 1998
L4987CPT30 STMICROELECTRONICS-L4987CPT30 Datasheet
94Kb / 11P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT AND DROPOUT CONTROL FLAG
October 1998
L4987CPT50 STMICROELECTRONICS-L4987CPT50 Datasheet
94Kb / 11P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT AND DROPOUT CONTROL FLAG
October 1998
L4987CPT87 STMICROELECTRONICS-L4987CPT87 Datasheet
94Kb / 11P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT AND DROPOUT CONTROL FLAG
October 1998
More results

Similar Description - L4987Cxx33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4987 STMICROELECTRONICS-L4987 Datasheet
94Kb / 11P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT AND DROPOUT CONTROL FLAG
October 1998
logo
Semtech Corporation
SC1457 SEMTECH-SC1457 Datasheet
218Kb / 13P
   150mA Ultra Low Dropout Regulator with Undervoltage Flag
logo
Gamma Microelectronics ...
GM4275 GAMMA-GM4275 Datasheet
166Kb / 7P
   WIDE INPUT RANGE 5V LOW DROPOUT REGULATOR WITH RESET FLAG
logo
Texas Instruments
LP38512 TI-LP38512_15 Datasheet
1Mb / 21P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38512 NSC-LP38512_09 Datasheet
366Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512-18 TI1-LP38512-18_14 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512 TI1-LP38512 Datasheet
359Kb / 16P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511 TI-LP38511_15 Datasheet
1Mb / 20P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com