Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR30150PT Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # MBR30150PT
Description  High Tjm Low IRRM Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

MBR30150PT Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  MBR30150PT Datasheet HTML 1Page - Sirectifier Semiconductors MBR30150PT Datasheet HTML 2Page - Sirectifier Semiconductors MBR30150PT Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR30100PT thru MBR30200PT
High Tjm Low IRRM Schottky Barrier Diodes
0.1
10
0
1
2
2.5
FORWARD VOLTAGE DROP, VFM(V)
Figure 1. Max. Forward Voltage Drop
Characteristics (PerLeg)
1.5
0.5
100
1000
TJ=25¢J
TJ=125¢J
TJ=175¢J
1
100
1000
0
40
80
REVERSE VOLTAGE, VR(V)
Figure 3. Typical Junction Capacitance Vs.
Reverse Voltage (Per Leg)
60
20
TJ=25¢J
100
Figure 2. Typical Values Of Reverse Current
Vs. Reverse Voltage (Per Leg)
0
40
80
60
20
100
0.0001
REVERSE VOLTAGE, VR(V)
0.001
0.01
0.1
1
10
100
TJ=175¢J
TJ=150¢J
TJ=125¢J
TJ=100¢J
TJ=25¢J
TJ=50¢J
TJ=75¢J
0.001
0.0000
1
0.01
t1, RECTANGULAR PULSE DURATION (SECONDS)
Figure 4. Max. Thermal Impedance ZthJC Characteristics (PerLeg)
SINGLE PULSE
(THERMAL RESISTANCE)
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
Notes:
1.Duty factor D = t1 / t2
2.Peak Tj = PDM x ZthJC + TC
PDM
t2
t1
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - MBR30150PT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR30150PT MCC-MBR30150PT Datasheet
420Kb / 4P
   30 Amp Power Schottky Rectifier 150 Volts
logo
SUNMATE electronic Co.,...
MBR30150PT SUNMATE-MBR30150PT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR30150PT TSC-MBR30150PT Datasheet
321Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
logo
RFE international
MBR30150PT RFE-MBR30150PT Datasheet
2Mb / 3P
   Schottky Diodes
12-05-2022
logo
Sirectifier Semiconduct...
MBR30150PT SIRECTIFIER-MBR30150PT Datasheet
137Kb / 3P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results

Similar Description - MBR30150PT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
MBR2530CT SIRECTIFIER-MBR2530CT_16 Datasheet
92Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR3050CT SIRECTIFIER-MBR3050CT_16 Datasheet
93Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR870L SIRECTIFIER-MBR870L_16 Datasheet
89Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR60100PT SIRECTIFIER-MBR60100PT Datasheet
136Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR10150CT SIRECTIFIER-MBR10150CT_16 Datasheet
166Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR1670CT SIRECTIFIER-MBR1670CT_16 Datasheet
91Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR850 SIRECTIFIER-MBR850_16 Datasheet
90Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR1030CT SIRECTIFIER-MBR1030CT_16 Datasheet
94Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR40100PT SIRECTIFIER-MBR40100PT_16 Datasheet
200Kb / 3P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR20150CT SIRECTIFIER-MBR20150CT_16 Datasheet
179Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR1070 SIRECTIFIER-MBR1070_16 Datasheet
112Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com