Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9825G2JB-6I-TR Datasheet(PDF) 3 Page - Winbond

Part # W9825G2JB-6I-TR
Description  4 M X 4 BANKS X 16 BITS SDRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9825G2JB-6I-TR Datasheet(HTML) 3 Page - Winbond

  W9825G2JB-6I-TR Datasheet HTML 1Page - Winbond W9825G2JB-6I-TR Datasheet HTML 2Page - Winbond W9825G2JB-6I-TR Datasheet HTML 3Page - Winbond W9825G2JB-6I-TR Datasheet HTML 4Page - Winbond W9825G2JB-6I-TR Datasheet HTML 5Page - Winbond W9825G2JB-6I-TR Datasheet HTML 6Page - Winbond W9825G2JB-6I-TR Datasheet HTML 7Page - Winbond W9825G2JB-6I-TR Datasheet HTML 8Page - Winbond W9825G2JB-6I-TR Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
W9825G6JB
Publication Release Date: Jul. 17, 2014
- 3 -
Revision: A05
1.
GENERAL DESCRIPTION
W9825G6JB automotive grade is a high-speed synchronous dynamic random access memory
(SDRAM), organized as 4M words
 4 banks  16 bits. This device delivers a data bandwidth of up to
166M words per second. W9825G6JB is sorted into the following speed grades: -6, -6I and -75. The -6
grade is compliant to the 166MHz/CL3 or 133MHz/CL2 specification. The -6I industrial grade is
compliant to the 166MHz/CL3 specification guaranteed to support -40°C
≤ TA ≤ 85°C. The -75 grade is
compliant to the 133MHz/CL3 specification.
Accesses to the SDRAM are burst oriented. Consecutive memory location in one page can be
accessed at a burst length of 1, 2, 4, 8 or full page when a bank and row is selected by an ACTIVE
command. Column addresses are automatically generated by the SDRAM internal counter in burst
operation. Random column read is also possible by providing its address at each clock cycle. The
multiple bank nature enables interleaving among internal banks to hide the precharging time.
By having a programmable Mode Register, the system can change burst length, latency cycle,
interleave or sequential burst to maximize its performance. W9825G6JB is ideal for main memory in
high performance applications.
2.
FEATURES
3.3V ± 0.3V Power Supply
Up to 166 MHz Clock Frequency
4,194,304 Words
 4 Banks  16 Bits Organization
Self Refresh Mode: Standard and Low Power
CAS Latency: 2 and 3
Burst Length: 1, 2, 4, 8 and Full Page
Burst Read, Single Writes Mode
Byte Data Controlled by LDQM, UDQM
Power Down Mode
Auto-precharge and Controlled Precharge
8K Refresh Cycles/64 mS
Interface: LVTTL
Packaged in TFBGA 54 Ball (8x8 mm2), using lead free materials with RoHS compliant
3.
ORDER INFORMATION
PART NUMBER
SPEED GRADE
SELF REFRESH
CURRENT (MAX)
OPERATING
TEMPERATURE
W9825G6JB-6
166MHz/CL3 or 133MHz/CL2
2mA
0°C ~ 70°C
W9825G6JB-6I
166MHz/CL3
2mA
-40°C ~ 85°C
W9825G6JB-75
133MHz/CL3
2mA
0°C ~ 70°C


Similar Part No. - W9825G2JB-6I-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W9825G2JB WINBOND-W9825G2JB Datasheet
743Kb / 41P
   2M ??4 BANKS ??32BITS SDRAM
More results

Similar Description - W9825G2JB-6I-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W9825G6JH WINBOND-W9825G6JH_13 Datasheet
803Kb / 43P
   4 M x 4 BANKS x 16 BITS SDRAM
W9825G6JB WINBOND-W9825G6JB Datasheet
839Kb / 42P
   4 M x 4 BANKS x 16 BITS SDRAM
W9425G6JB WINBOND-W9425G6JB Datasheet
988Kb / 50P
   4 M x 4 BANKS x 16 BITS DDR SDRAM
W9425G6JH WINBOND-W9425G6JH_13 Datasheet
940Kb / 52P
   4 M x 4 BANKS x 16 BITS DDR SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
W9812G6JB-6I-TR WINBOND-W9812G6JB-6I-TR Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9864G6KH-5-TR WINBOND-W9864G6KH-5-TR Datasheet
693Kb / 42P
   1M X 4 BANKS X 16 BITS SDRAM
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
W9812G6KH WINBOND-W9812G6KH Datasheet
686Kb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com