Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC3217GV Datasheet(PDF) 3 Page - NEC

Part # UPC3217GV
Description  NECs GENERAL PURPOSE 5 V AGC AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3217GV Datasheet(HTML) 3 Page - NEC

  UPC3217GV Datasheet HTML 1Page - NEC UPC3217GV Datasheet HTML 2Page - NEC UPC3217GV Datasheet HTML 3Page - NEC UPC3217GV Datasheet HTML 4Page - NEC UPC3217GV Datasheet HTML 5Page - NEC UPC3217GV Datasheet HTML 6Page - NEC UPC3217GV Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UPC3217GV, UPC3218GV
TYPICAL PERFORMANCE CURVES (TA = 25°C, unless otherwise specified)
UPC3217GV
UPC3218GV
CIRCUIT CURRENT vs.
SUPPLY VOLTAGE
CIRCUIT CURRENT vs.
SUPPLY VOLTAGE
Supply Voltage, VCC (V)
Supply Voltage, VCC (V)
30
25
20
15
10
5
0
01
234
5
6
TA = +25ºC
No Input Signal
30
25
20
15
10
5
0
01
234
5
6
TA = +25ºC
No Input Signal
Frequency, f (MHz)
VOLTAGE GAIN vs.
FREQUENCY
VOLTAGE GAIN vs.
FREQUENCY
Frequency, f (MHz)
VOLTAGE GAIN vs.
AUTOMATIC GAIN CONTROL VOLTAGE*
Automatic Gain Control Voltage, VAGC*
(V)
Automatic Gain Control Voltage, VAGC* (V)
VOLTAGE GAIN vs.
AUTOMATIC GAIN CONTROL VOLTAGE*
60
50
40
30
20
10
0
-10
-20
1
10
100
1000
TA = +25ºC
VCC = 5V
Pin = -50 dBm
ZL = 250Ω
VAGC*
= 4.5 V
VAGC*
= 2.5 V
VAGC*
= 0.5 V
70
60
50
40
30
20
10
0
-10
1
10
100
1000
TA = +25ºC
VCC = 5V
Pin = -60 dBm
ZL = 250Ω
VAGC*= 4.5 V
VAGC*= 2.5 V
VAGC*= 0.5 V
60
50
40
30
20
10
0
01
2
3
4
5
-10
TA = +25ºC
VCC = 5.0V
f = 45 MHz
Pin = -50 dBm
ZL = 250Ω
70
60
50
40
30
20
10
0
01
234
5
TA = +25ºC
VCC = 5.0V
f = 45 MHz
Pin = -60 dBm
ZL = 250Ω
* VAGC shown as applied in the evaluation cicuit (see page 5) through a resistive bridge (voltage divider).
Actual voltage range on the pin of the IC is 0 to 3 V.


Similar Part No. - UPC3217GV

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3217GV CEL-UPC3217GV Datasheet
587Kb / 8P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
UPC3217GV CEL-UPC3217GV Datasheet
803Kb / 16P
   GENERAL PURPOSE 5 V 100MHz AGC AMPLIFIER
logo
Renesas Technology Corp
UPC3217GV RENESAS-UPC3217GV Datasheet
403Kb / 24P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC3217GV-E1 RENESAS-UPC3217GV-E1 Datasheet
403Kb / 24P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
logo
California Eastern Labs
UPC3217GV-E1-A CEL-UPC3217GV-E1-A Datasheet
587Kb / 8P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
More results

Similar Description - UPC3217GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3221GV NEC-UPC3221GV Datasheet
177Kb / 6P
   NECs GENERAL PURPOSE 5 V AGC AMPLIFIER
UPC3219GV NEC-UPC3219GV Datasheet
205Kb / 6P
   GENERAL PURPOSE 5 V AGC AMPLIFIER
logo
California Eastern Labs
UPC3231GV CEL-UPC3231GV_13 Datasheet
803Kb / 16P
   GENERAL PURPOSE 5 V 100MHz AGC AMPLIFIER
UPC3219GV CEL-UPC3219GV Datasheet
474Kb / 7P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
UPC3217GV CEL-UPC3217GV Datasheet
587Kb / 8P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
UC3221GV CEL-UC3221GV Datasheet
473Kb / 19P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
logo
Texas Instruments
SN761666 TI-SN761666 Datasheet
156Kb / 9P
[Old version datasheet]   AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com