Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9725G8KB-18-TR Datasheet(PDF) 4 Page - Winbond

Part # W9725G8KB-18-TR
Description  8M 4 BANKS 8 BIT DDR2 SDRAM
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9725G8KB-18-TR Datasheet(HTML) 4 Page - Winbond

  W9725G8KB-18-TR Datasheet HTML 1Page - Winbond W9725G8KB-18-TR Datasheet HTML 2Page - Winbond W9725G8KB-18-TR Datasheet HTML 3Page - Winbond W9725G8KB-18-TR Datasheet HTML 4Page - Winbond W9725G8KB-18-TR Datasheet HTML 5Page - Winbond W9725G8KB-18-TR Datasheet HTML 6Page - Winbond W9725G8KB-18-TR Datasheet HTML 7Page - Winbond W9725G8KB-18-TR Datasheet HTML 8Page - Winbond W9725G8KB-18-TR Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
W9725G8KB
Publication Release Date: Mar. 04, 2014
- 4 -
Revision: A02
1.
GENERAL DESCRIPTION
The W9725G8KB is a 256M bits DDR2 SDRAM, organized as 8,388,608 words
 4 banks  8 bits.
This device achieves high speed transfer rates up to 1066Mb/sec/pin (DDR2-1066) for general
applications. W9725G8KB is sorted into the following speed grades: -18, -25, 25A, 25K and -3.
The -18 grade parts is compliant to the DDR2-1066 (7-7-7) specification. The -25, 25A and 25K grade
parts are compliant to the DDR2-800 (5-5-5) or DDR2-800 (6-6-6) specification. The -3 grade parts is
compliant to the DDR2-667 (5-5-5) specification.
The automotive grade parts temperature, if offered, has two simultaneous requirements: ambient
temperature (TA) surrounding the device cannot be less than -40°C or greater than +95°C (for 25A),
+105°C (for 25K), and the case temperature (TCASE) cannot be less than -40°C or greater than +95°C
(for 25A), +105°C (for 25K). JEDEC specifications require the refresh rate to double when TCASE
exceeds +85°C; this also requires use of the high-temperature self refresh option. Additionally, ODT
resistance and the input/output impedance must be derated when TCASE is < 0°C or > +85°C.
All of the control and address inputs are synchronized with a pair of externally supplied differential
clocks. Inputs are latched at the cross point of differential clocks (CLK rising and CLK falling). All
I/Os are synchronized with a single ended DQS or differential DQS- DQS pair in a source
synchronous fashion.
2.
FEATURES
Power Supply: VDD, VDDQ = 1.8 V ± 0.1 V
Double Data Rate architecture: two data transfers per clock cycle
CAS Latency: 3, 4, 5, 6 and 7
Burst Length: 4 and 8
Bi-directional, differential data strobes (DQS and DQS ) are transmitted / received with data
Edge-aligned with Read data and center-aligned with Write data
DLL aligns DQ and DQS transitions with clock
Differential clock inputs (CLK and CLK )
Data masks (DM) for write data.
Commands entered on each positive CLK edge, data and data mask are referenced to both edges
of DQS
Posted CAS programmable additive latency supported to make command and data bus efficiency
Read Latency = Additive Latency plus CAS Latency (RL = AL + CL)
Off-Chip-Driver impedance adjustment (OCD) and On-Die-Termination (ODT) for better signal
quality
Auto-precharge operation for read and write bursts
Auto Refresh and Self Refresh modes
Precharged Power Down and Active Power Down
Write Data Mask
Write Latency = Read Latency - 1 (WL = RL - 1)
Interface: SSTL_18
Packaged in WBGA 60 Ball (8 x 12.5 mm
2), using Lead free materials with RoHS compliant


Similar Part No. - W9725G8KB-18-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W9725G8JB WINBOND-W9725G8JB Datasheet
1Mb / 86P
   8M ??4 BANKS ??8 BIT DDR2 SDRAM
More results

Similar Description - W9725G8KB-18-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W9725G8JB WINBOND-W9725G8JB Datasheet
1Mb / 86P
   8M ??4 BANKS ??8 BIT DDR2 SDRAM
W971GG6KB25I-TR WINBOND-W971GG6KB25I-TR Datasheet
1Mb / 87P
   8M 8 BANKS 16 BIT DDR2 SDRAM
W971GG6JB WINBOND-W971GG6JB Datasheet
1Mb / 87P
   8M ??8 BANKS ??16 BIT DDR2 SDRAM
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
W9751G6JB WINBOND-W9751G6JB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
W971GG6JB WINBOND-W971GG6JB_13 Datasheet
1Mb / 87P
   8M X 8 BANKS X 16 BIT DDR2 SDRAM
W9751G6JB-25 WINBOND-W9751G6JB-25 Datasheet
1Mb / 87P
   8M x 4 BANKS x 16 BIT DDR2 SDRAM
W9751G8JB WINBOND-W9751G8JB Datasheet
1Mb / 86P
   16M ??4 BANKS ??8 BIT DDR2 SDRAM
W982508AH WINBOND-W982508AH Datasheet
1Mb / 41P
   8M X 4 BANKS X 8 BIT SDRAM
W971GG8KB-25-TR WINBOND-W971GG8KB-25-TR Datasheet
1Mb / 87P
   16M 8 BANKS 8 BIT DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com