Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W987D6HBGX7G Datasheet(PDF) 11 Page - Winbond

Part # W987D6HBGX7G
Description  128Mb Mobile LPSDR
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W987D6HBGX7G Datasheet(HTML) 11 Page - Winbond

Back Button W987D6HBGX7G Datasheet HTML 7Page - Winbond W987D6HBGX7G Datasheet HTML 8Page - Winbond W987D6HBGX7G Datasheet HTML 9Page - Winbond W987D6HBGX7G Datasheet HTML 10Page - Winbond W987D6HBGX7G Datasheet HTML 11Page - Winbond W987D6HBGX7G Datasheet HTML 12Page - Winbond W987D6HBGX7G Datasheet HTML 13Page - Winbond W987D6HBGX7G Datasheet HTML 14Page - Winbond W987D6HBGX7G Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
W987D6HB / W987D2HB
128Mb Mobile LPSDR
Publication Release Date: Jun. 09, 2011
- 11 -
Revision A01-002
6.5 Automatic Temperature Compensated Self Refresh Current Feature
IDD6
Low Power
Normal Power
Units
TCSR Range
45
85
45
85
uA
Full Array
180
230
220
280
1/2 Array
160
200
190
250
1/4 Array
150
180
170
230
Note:
1.
A full initialization sequence is required before proper device operation is ensured.
2.
Measurement is taken 500ms after entering into this operating mode to provide tester measuring unit settling time.
3.
Enables on-die refresh and address counters.
4.
Values for Idd6 85°C full array and partial array are guaranteed for the entire temperature range.
5.
IDD6 is typical value.


Similar Part No. - W987D6HBGX7G

ManufacturerPart #DatasheetDescription
logo
Winbond
W987D6HBGX7G WINBOND-W987D6HBGX7G Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W987D6HBGX7G WINBOND-W987D6HBGX7G Datasheet
1Mb / 66P
   128Mb Mobile LPSDR
More results

Similar Description - W987D6HBGX7G

ManufacturerPart #DatasheetDescription
logo
Winbond
W987D6HB WINBOND-W987D6HB Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB_13 Datasheet
1Mb / 66P
   128Mb Mobile LPSDR
W989D6CB WINBOND-W989D6CB Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W988D6FBGX6E-TR WINBOND-W988D6FBGX6E-TR Datasheet
1Mb / 64P
   256Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB Datasheet
1Mb / 68P
   256Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB_13 Datasheet
1Mb / 66P
   256Mb Mobile LPSDR
W989D6CB WINBOND-W989D6CB_13 Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
logo
List of Unclassifed Man...
EM488M1644VBA-75F ETC1-EM488M1644VBA-75F Datasheet
698Kb / 18P
   128Mb Mobile SDRAM
logo
Winbond
W947D6HB WINBOND-W947D6HB Datasheet
1Mb / 60P
   128Mb Mobile LPDDR
W947D6HBHX6E-TR WINBOND-W947D6HBHX6E-TR Datasheet
1Mb / 60P
   128Mb Mobile LPDDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com