Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDA1352TS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # UDA1352TS
Description  48 kHz IEC 60958 audio DAC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1352TS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button UDA1352TS Datasheet HTML 6Page - NXP Semiconductors UDA1352TS Datasheet HTML 7Page - NXP Semiconductors UDA1352TS Datasheet HTML 8Page - NXP Semiconductors UDA1352TS Datasheet HTML 9Page - NXP Semiconductors UDA1352TS Datasheet HTML 10Page - NXP Semiconductors UDA1352TS Datasheet HTML 11Page - NXP Semiconductors UDA1352TS Datasheet HTML 12Page - NXP Semiconductors UDA1352TS Datasheet HTML 13Page - NXP Semiconductors UDA1352TS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
2002 Nov 22
10
Philips Semiconductors
Preliminary specification
48 kHz IEC 60958 audio DAC
UDA1352TS
8.4.5
FILTER STREAM DAC
The Filter Stream DAC (FSDAC) is a semi-digital
reconstruction filter that converts the 1-bit data stream of
the noise shaper to an analog output voltage.
The filter coefficients are implemented as current sources
and are summed at virtual ground of the output operational
amplifier. In this way, very high signal-to-noise
performance and low clock jitter sensitivity is achieved.
A post filter is not needed due to the inherent filter function
of the DAC. On-board amplifiers convert the FSDAC
output current to an output voltage signal capable of
driving a line output.
The output voltage of the FSDAC is scaled proportionally
with the power supply voltage.
8.5
Control
The UDA1352TS can be controlled by means of static pins
(when pin SELSTATIC = HIGH), via the I2C-bus (when
pin SELSTATIC = LOW and pin SELIIC = HIGH) or via the
L3-bus (when pins SELSTATIC and SELIIC are LOW).
For optimum use of the features of the UDA1352TS, the
L3-bus or I2C-bus mode is recommended since only basic
functions are available in the static pin control mode.
It should be noted that the static pin control mode and the
L3-bus or I2C-bus mode are mutually exclusive.
8.5.1
STATIC PIN CONTROL MODE
The default values for all non-pin controlled settings are
identical to the default values at start-up in the L3-bus or
I2C-bus mode (see Table 3).
Table 3
Pin description of static pin control mode
PIN
NAME
VALUE
FUNCTION
Mode selection pin
26
SELSTATIC
1
select static pin control mode; must be connected to VDDD
Input pins
5
RESET
0
normal operation
1
reset
9
L3CLOCK
0
must be connected to VSSD
10
L3MODE
0
must be connected to VSSD
8
L3DATA
0
must be connected to VSSD
11
MUTE
0
no mute
1
mute active
Status pins
1
PCMDET
0
non-PCM data or burst preamble detected
1
PCM data detected
16
LOCK
0
clock regeneration and IEC 60958 decoder out-of-lock or non-PCM data detected
1
clock regeneration and IEC 60958 decoder locked and PCM data detected
Test pins
2
TEST1
must be left open-circuit
18
TEST2
0
must be connected to VSSD


Similar Part No. - UDA1352TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1352HL PHILIPS-UDA1352HL Datasheet
262Kb / 64P
   48 kHz IEC 60958 audio DAC
2003 Mar 25
More results

Similar Description - UDA1352TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1352HL PHILIPS-UDA1352HL Datasheet
262Kb / 64P
   48 kHz IEC 60958 audio DAC
2003 Mar 25
UDA1351H PHILIPS-UDA1351H Datasheet
157Kb / 36P
   96 kHz IEC 958 audio DAC
2000 Feb 18
UDA1351TS PHILIPS-UDA1351TS Datasheet
124Kb / 28P
   96 kHz IEC 958 audio DAC
2000 Mar 28
UDA1350ATS PHILIPS-UDA1350ATS Datasheet
124Kb / 32P
   IEC 958 audio DAC
2000 Mar 29
UDA1350AH PHILIPS-UDA1350AH Datasheet
154Kb / 36P
   IEC 958 audio DAC
1999 Dec 16
UDA1431T PHILIPS-UDA1431T Datasheet
96Kb / 17P
   16-bit, 48 kHz, low-cost stereo current DAC
Rev. 04-30 May 2006
logo
Cirrus Logic
CS4340 CIRRUS-CS4340_05 Datasheet
766Kb / 25P
   24-Bit, 96 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
CS4340 CIRRUS-CS4340 Datasheet
835Kb / 28P
   24-Bit, 96 kHz Stereo DAC for Audio?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com